Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R10JLC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 1812SMS-R10JLC
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1812SMS-R10JLC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 1812SMS-R10JLC Datasheet HTML 6Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 7Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 8Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 9Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 10Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 11Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 12Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 13Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
NXP Semiconductors
MRFX600H MRFX600HS MRFX600GS
230 MHz PRODUCTION TEST FIXTURE — 4.0 6.0 (10.2 cm  12.7 cm)
Figure 10. MRFX600H Production Test Fixture Component Layout — 230 MHz
MRFX600H
Rev. 0
D105133
cut out
area
C25
C26
C27
C28
C22
C23
C21
C8
C7
C1
C2
C3
C4
C5
L1
R1
C13
C12
C11
C10
L2
C9
R2
C6
L3
C24
C16*
C17*
C15
C29
Coax3
Coax4
Coax1
Coax2
C20
C14
C18*
C19*
L4
*C16, C17, C18 and C19 are mounted vertically.
aaa-031625
Table 9. MRFX600H Production Test Fixture Component Designations and Values — 230 MHz
Part
Description
Part Number
Manufacturer
C1
13 pF Chip Capacitor
ATC100B130JT500XT
ATC
C2, C3
27 pF Chip Capacitor
ATC100B270JT500XT
ATC
C4
0.8–8.0 pF Variable Capacitor
27291SL
Johanson
Components
C5
33 pF Chip Capacitor
ATC100B330JT500XT
ATC
C6, C10
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C7, C11
0.1 F Chip Capacitor
CDR33BX104AKWS
AVX
C8, C12
220 nF Chip Capacitor
C1812C224K5RACTU
Kemet
C9, C13, C21, C25
1000 pF Chip Capacitor
ATC100B102JT50XT
ATC
C14, C29
39 pF Chip Capacitor
ATC100B390JT500XT
ATC
C15
43 pF Chip Capacitor
ATC100B430JT500XT
ATC
C16, C17, C18, C19
240 pF Chip Capacitor
ATC100B241JT200XT
ATC
C20
9.1 pF Chip Capacitor
ATC100B9R1BT500XT
ATC
C22, C23, C24, C26, C27, C28
470 F, 100 V Electrolytic Capacitor
MCGPR100V477M16X32
Multicomp
Coax1, 2, 3, 4
25  Semi-rigid Coax, 2.2 Shield Length
UT-141C-25
Micro-Coax
L1, L2
5 nH Inductor
A02TKLC
Coilcraft
L3, L4
6.6 nH Inductor
GA3093-ALC
Coilcraft
R1, R2
10 , 1/4 W Chip Resistor
CRCW120610R0JNEA
Vishay
PCB
Rogers AD255C, 0.030, r = 2.55, 1 oz. Copper D105133
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com