Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R10JLC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 1812SMS-R10JLC
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1812SMS-R10JLC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 1812SMS-R10JLC Datasheet HTML 3Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 4Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 5Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 6Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 7Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 8Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 9Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 10Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MRFX600H MRFX600HS MRFX600GS
7
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS – 87.5–108 MHz
BROADBAND REFERENCE CIRCUIT
f = 87.5 MHz
98 MHz
108 MHz
19
93
f, FREQUENCY (MHz)
Figure 5. Power Gain, Drain Efficiency and CW Output Power
versus Frequency at a Constant Input Power
25
24
400
90
85
80
70
800
700
D
23
22
21
20
16
95
97
99 101 103 105 107
75
600
VDD =62 Vdc,Pin =5 W, lDQ(A+B) = 250 mA
91
89
109
87
18
500
17
Gps
Pout
0
Pin, INPUT POWER (WATTS)
Figure 6. CW Output Power versus Input Power and Frequency
600
500
400
34
700
25
800
67
300
1
VDD =62 Vdc,IDQ(A+B) = 250 mA
30
300 350
28
24
80
75
70
Pout, OUTPUT POWER (WATTS)
Figure 7. Power Gain and Drain Efficiency versus
CW Output Power and Frequency
20
400 450
29
90
Gps
D
500
750
26
22
550
600
700
800
VDD =62 Vdc,lDQ(A+B) = 250 mA
65
60
55
50
f = 87.5 MHz
108 MHz
98 MHz
87.5 MHz
98 MHz
108 MHz
27
25
23
21
650
85
95
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com