Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R10JLC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 1812SMS-R10JLC
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1812SMS-R10JLC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 1812SMS-R10JLC Datasheet HTML 7Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 8Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 9Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 10Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 11Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 12Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 13Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 14Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MRFX600H MRFX600HS MRFX600GS
11
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 230 MHz, TC =25_C
PRODUCTION TEST FIXTURE
100 mA
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 11. Output Power versus Gate--Source
Voltage at a Constant Input Power
0
400
300
1.5
2.0
2.5
3.0
600
500
Pin =1.4 W
0.5
1.0
Pin, INPUT POWER (dBm) PEAK
48
44
40
30
27
24
15
21
18
52
56
230
610
677
f
(MHz)
P1dB
(W)
P3dB
(W)
Figure 12. Output Power versus Input Power
Pout, OUTPUT POWER (WATTS) PEAK
Figure 13. Power Gain and Drain Efficiency
versus Output Power and Quiescent Current
20
18
IDQ(A+B) = 400 mA
26
10
80
60
40
20
30
D
Gps
14
D
TC = –40_C
22
20
18
30
110
0
70
60
50
40
30
20
10
32
80
Pout, OUTPUT POWER (WATTS) PEAK
Figure 14. Power Gain and Drain Efficiency
versus Output Power
16
0
Pout, OUTPUT POWER (WATTS) PEAK
Figure 15. Power Gain versus Output Power
and Drain--Source Voltage
28
24
22
100
200
300
26
20
30
700
36
60
24
26
28
400
500
Gps
1000
1000
40 V
3.5
16
22
24
28
70
50
30
10
85_C
25_C
25_C
–40_C
18
VDD = 65 Vdc, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
90
VDD =65 Vdc,IDQ(A+B) = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
VDD =65 Vdc,IDQ(A+B) = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
33
36
100 mA
400 mA
300 mA
200
100
Pin =0.7 W
12
100
0
VDD = 65 Vdc, f = 230 MHz, Pulse Width = 100 sec, 20% Duty Cycle
300 mA
200 mA
200 mA
100
85_C
16
14
600
700
800
VDD =30 V
50 V
55 V
60 V
65 V
IDQ(A+B) = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com