Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R10JLC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 1812SMS-R10JLC
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1812SMS-R10JLC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 1812SMS-R10JLC Datasheet HTML 2Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 3Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 4Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 5Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 6Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 7Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 8Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 9Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
NXP Semiconductors
MRFX600H MRFX600HS MRFX600GS
87.5–108 MHz BROADBAND REFERENCE CIRCUIT — 2.9 4.7 (7.3 cm  12 cm)
Figure 4. MRFX600H 87.5–108 MHz Broadband Reference Circuit Component Layout
D111952
Rev. 0
Q1
Coax1
Coax3
Coax2
R2
C5
C6
C3
C9
C19
C20
C21
C11
C12
C13
C14
C15
C16
C17
C18
C10
C7
C4
C8
B1
R1
C2
C1
T1
L1
L2
L3
L4
R3
aaa-031570
Table 8. MRFX600H 87.5–108 MHz Broadband Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Long Ferrite Bead
2743021447
Fair-Rite
C1
30 pF Chip Capacitor
ATC100B300JT500XT
ATC
C2, C5, C6, C9, C10, C11, C12,
C13, C14
1000 pF Chip Capacitor
ATC100B102JT50XT
ATC
C3, C4
10,000 pF Chip Capacitor
ATC200B103KT50XT
ATC
C7, C8
470 pF Chip Capacitor
ATC100B471JT200XT
ATC
C15
1.0 pF Chip Capacitor
ATC100B1R0BT500XT
ATC
C16
470 F, 63 V Electrolytic Capacitor
MCGPR63V477M13X26
Multicomp
C17, C18
10 F Chip Capacitor
C5750X7S2A106M
TDK
C19
470 nF Chip Capacitor
GRM31MR72A474KA35L
Murata
C20
47 nF Chip Capacitor
GRM31MR72A473KA01L
Murata
C21
15 nF Chip Capacitor
C3225CH2A153JT
TDK
Coax1,2
35  Flex Cable, 4.5 Shield Length
HSF-141C-35
Hongsen Cable
Coax3
50  Flex Cable, 6.3 Shield Length
SM141
Huber + Suhner
L1
100 nH Inductor
1812SMS-R10JLC
Coilcraft
L2, L3
8.0 nH, 3 Turn Inductor
A03TJLC
Coilcraft
L4
5 Turn, #16 AWG, ID = 0.315 Inductor
Handwound
NXP
Q1
RF Power LDMOS Transistor
MRFX600H
NXP
R1
10 , 1/4 W Chip Resistor
CRCW120610R0JNEA
Vishay
R2, R3
33 , 2 W Chip Resistor
352133RFT
TE Connectivity
T1
2–300 MHz, 3 Turns, 9:1 Impedance Ratio
Transformer
TUI-LF-9
Communication
Concepts
PCB
Rogers RO4350B, 0.030, r =3.66
D111952
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com