Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68002QF Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX68002QF Datasheet HTML 1Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 2Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 3Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 4Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 5Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 6Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 7Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 8Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
ASIX ELECTRONICS CORPORATION
Release Date: 05/28/2015
4F, NO.8, Hsin Ann Rd., HsinChu Science Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX6800x
2/4-Port USB KVM Switch SoC
Features
Single chip microcontroller with 2-port (AX68002)
/4-Port (AX68004) USB KVM Switch
CPU for Application
8-bit
pipelined
RISC,
single
cycle
per
instruction operating up to 96MHz and 100%
software compatible with standard 8051/80390
Supports power management unit with deep
sleep mode, programmable watchdog timer,
three 16-bit timer/counters, and millisecond
timer
Supports CPU Debugger for connecting to
In-Circuit Emulation (ICE) adaptor
Supports DMA Controller (7 DMA channels)
and memory arbiter for fast data movement
during network protocol stack processing and
peripheral communications
1 external interrupt sources with 2 priority
levels
Program/Data and Flash Memory
On-chip 8KB SRAM for CPU program code
mirroring
Supports In-System Programming (ISP) for
initial Flash memory programming via UART
or ICE adaptor
Supports
reprogrammable
boot
code
and
In-Application Programming (IAP) to update
boot code or run-time firmware through USB or
UART interface
On-chip 32KB data memory for CPU and
packet buffering
On-chip 128KB Flash memory for CPU
program code
On-chip 1KB Flash Information Page for
Hardware Configuration
Supports Page architecture for flash erase
Minimum 100,000 flash program/erase cycles
Minimum 10 years flash data retention under
maximum 20 times pre-cycles
USB Interfaces
Supports
2/4
multi-addressable
Device
Controllers and compliant with USB Spec 2.0
Full speed
Build-in one USB host controller and one USB
root hub that supports four downstream ports and
each compliant with USB2.0 Full/Low speed
Supports
Control,
Bulk,
Interrupt,
and
Isochronous transfer types.
Support controllable D+ pull-up resistance for
upstream ports
Support controllable D+/- pull-down resistance
for downstream ports
Support Burst mode transfer for BULK data
transfer in Device Controller
Supports the downstream SOF synchronization
with selected upstream port for ISO data transfer
automatically
Peripheral Communication Interfaces
2 UART interface (1 supporting DMA mode,
Modem control, remote wake-up and up to
921.6Kbps baud)
2 High Speed SPI interface with DMA mode (1
master and 1 slave mode)
I
2C interface with DMA mode (1 master with
EDID Console and 4 slave mode with EDID
Slave)
2 PS/2 Host interfaces
Up to 4 GPIO ports of 8 bits each (Supports 2
GPIO
ports
with
de-bounce
and
interrupt
function)
Programmable Buzzer function
Supports KVM switch functions in software
Controls 2/4 computers from a single console
Supports
PS/2
keyboard/mouse
and
USB
keyboard/mouse
Supports keyboard and mouse emulation for
error-free booting
USB device in console is transparent to
computers
that
support
most
gaming/multimedia
keyboards
and
multifunction mouse
Mouse sample rate on both of downstream and
upstream ports is the same
Supports
DDC
(Display
Data
Channel)
emulation and stores the console monitor’s
EDID (Extended Display Identification Data)
Two or four computers can share two or four
USB downstream ports in console
Support maximum 7 USB devices in console,
including HID, HUB, MSC and Audio Class
Supports touch screen, writing pad, and touch
pad devices
Supports “push buttons” and “hot keys”
switching
Support auto-scan mode for monitoring PC
operation
Integrates on-chip oscillator and 96MHz PLL to
operate with external 12MHz crystal
Integrates on-chip power-on reset circuit
64-pin QFN (AX68002)/100-pin LQFP (AX68004)
RoHS compliant package
Operating
temperature
range:
0
to
+70 ° C
*All registered trademarks are the property of their respective holders.
Document No: AX6800x/V1.02/05/28/2015


Similar Part No. - AX68002QF

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX68002 ASIX-AX68002 Datasheet
1Mb / 1P
Android USB-C Gaming Phone Dock Application Demonstration
More results

Similar Description - AX68002QF

ManufacturerPart #DatasheetDescription
logo
Level One
KVM-0407 LVL1-KVM-0407 Datasheet
145Kb / 2P
4-Port USB KVM Switch
logo
Tripp Lite. All Rights ...
B006VU4R TRIPPLITE-B006VU4R Datasheet
482Kb / 2P
4-Port Desktop KVM Switch (USB)
logo
Level One
KVM-0221 LVL1-KVM-0221 Datasheet
1Mb / 2P
2-Port USB KVM Switch w/ Audio
KVM-0222 LVL1-KVM-0222 Datasheet
929Kb / 2P
2-Port USB KVM Switch
KVM-0223 LVL1-KVM-0223 Datasheet
588Kb / 3P
2-Port Cable KVM Switch, VGA, USB, Audio
KVM-0260 LVL1-KVM-0260 Datasheet
623Kb / 3P
2-Port Cable KVM Switch, DVI, USB, Audio
KVM-0290 LVL1-KVM-0290 Datasheet
566Kb / 3P
2-Port Cable KVM Switch, HDMI, USB
KVM-0421 LVL1-KVM-0421 Datasheet
898Kb / 2P
4-Port USB KVM Switch w/ Audio
logo
Tripp Lite. All Rights ...
B006-VU4-R TRIPPLITE-B006-VU4-R Datasheet
480Kb / 3P
4-Port Desktop KVM Switch (USB)
logo
ASIX Electronics Corpor...
AX6800X ASIX-AX6800X_V01 Datasheet
2Mb / 1P
Single Chip USB KVM Switch SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com