Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68002QF Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 33Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 34Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 35Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 36Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 37Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 38Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 39Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 40Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
37
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
3.2 Program Memory Map
The CPU has separated address spaces for program and data memory. The Program Memory, Internal Data
Memory, External Data Memory (xDATA), SFRs areas each has its own address spaces.
As shown in below figure, the CPU core can address up to 128K bytes of linear program space without bank select.
The CPU starts execution of program code at location 0x000000 in LARGE mode, after each reset. The CPU can
be then switched to FLAT mode to support 128K bytes of linear program code space.
Program Protection Bit is used to protect the program code be read by ISP or DoCD. This bit is located at the bit7
in the last byte of first 8K in flash memory (address 0x01FFF, bit7). If this bit is set to ‘0’, it will enable the
program code protection. Only perform the flash Mass Erase can set this bit back to ‘1’ to unprotect the program
code.
Figure 3-1: The Program Memory Map of CPU
3.3 External Data (xDATA) Memory Map
The data memory of CPU core is divided onto 32 Kbytes of External Data (xDATA) Memory and 256 bytes of
Internal Data Memory, plus a 128-bytes of SFR memory area.
The CPU core can address up to 32 Kbytes of External Data (xDATA) memory space without bank select. The
xDATA memory is accessed by MOVX instructions only.
CPU Program Memory Address
0x00000
On-chip 8KB
SRAM
0x02000
0x01FFF
On-chip
128KB
Flash
Memory
The CPU program code residing on on-chip 8K bytes
Program SRAM is copied from the on-chip Flash memory
space (0x00000 ~ 0x01FFF) by Program Loader hardware
before CPU starts running, so-called “Program Code
Mirroring”.
When CPU executes program code in this range, it always
fetches from on-chip Program SRAM and runs at zero wait
state (1T). This part of the code is usually used for BOOT
code with system initialization functions.
The program code residing on on-chip Flash memory
space (0x02000 ~ 0x1FFFF) is fetched with wait
states defined by SFR register, WTST [7:0].
0x1FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com