Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68002QF Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 35Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 36Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 37Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 38Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 39Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 40Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 41Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 42Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.0 Electrical Specification
4.1 DC Characteristics
4.1.1 Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDDK, VDD_FLASH
Digital core power supply.
- 0.5 to 2.5
V
VDDIO
Power supply of 3.3V I/O.
- 0.5 to 4.6
V
VDDA_PLL
Analog power supply for PLL.
- 0.5 to 2.5
V
VDDA_USB
Analog power supply for 3.3V USB I/O.
- 0.5 to 4.6
V
VIN
Input voltage of 3.3V I/O.
- 0.5 to 4.6
V
Input voltage of 3.3V I/O with 5V tolerant.
- 0.5 to 6
V
U[3:0]_DP, U[3:0]_DM,
D[3:0]_DP, D[3:0]_DM
Input Voltage of USB I/O
- 0.5 to 6
V
TSTG
Storage temperature.
- 65 to 150
℃
I IN
DC input current.
50
mA
I OUT
Output short circuit current.
50
mA
Note:
Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be
restricted in the recommended operating condition section of this datasheet. Exposure to absolute maximum rating
condition for extended periods may affect device reliability.
4.1.2 Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max Units
VDDIO
Power supply of 3.3V I/O.
2.97
3.3
3.63
V
VDDK, VDD_FLASH
Digital core power supply.
1.62
1.8
1.98
V
VDDA_PLL
Analog power supply for PLL.
1.62
1.8
1.98
V
VDDA_USB
Analog power supply for USB I/O.
3.0
3.3
3.6
V
VIN
Input voltage of 3.3 V I/O.
0
3.3
3.63
V
Input voltage of 3.3 V I/O with 5 V tolerant.
0
3.3
5.25
V
Tj
AX6800x operating junction temperature.
-40
25
105
℃
Ta
AX6800x operating ambient temperature.
0
-
70
℃
4.1.3 Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
Input leakage current. No pull-up
or pull-down.
3.3V IO pins. Vin = 3.3 or 0V.
-
±1
-
μA
3.3V with 5V tolerant I/O pins.
Vin = 5 or 0V.
-
±1
-
μA
IOZ
Tri-state leakage current.
-
±1
-
μA
CPAD Pad capacitance.
-
-
5
pF
Note:
The capacitance listed above includes pad capacitance and package capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com