Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68002QF Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 27Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 28Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 29Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 30Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 31Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 32Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 33Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 34Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
31
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
3.1.1 Flag (0x00)
This field indicated the Hardware Parameter Setting is valid or not. The value should be 0xA6 to indicate those
Hardware settings have been programed into information sector normally and Bootloader can use these values to
configure the hardware. If the setting is invalid, bootloader will not load these values and will remind the
multi-function IO in blocked state.
3.1.2 Multi-function Pin Setting (0x03 ~ 0x01)
Multi-function Pin Setting 0 (0x01)
Bit
7
6
5
4
3
2
1
0
Name
MP1_7_P
SEL
MP1_6_P
SEL
MP1_54_P
SEL
MP1_32_P
SEL
MP1_10_
PSEL
MP0_74_
PSEL
MP0_32_P
SEL
MP0_10_P
SEL
Reset Value
0
0
0
0
0
0
0
0
Bit
Name
Description
0
MP0_10_
PSEL
CPU GPIO Port 0, Bit 1 ~ 0 Pin Select.
This selects the desired pin function of below multi-function pins (port 0 or HS UART 1).
QFN
Pin #
LQFP
Pin #
MP0_10_PSEL
= 0
= 1
9
12
P00
RXD1
10
15
P01
TXD1
1
MP0_32_
PSEL
CPU GPIO Port 0, Bit 3 ~ 2 Pin Select.
This selects the desired pin function of below multi-function pins (port 0 or HS UART 1).
QFN
Pin #
LQFP
Pin #
MP0_32_PSEL
= 0
= 1
11
17
P02
RTS1/DE1
13
20
P03
DTR1/RE1
2
MP0_74_
PSEL
CPU GPIO Port 0, Bit 7 ~ 4 Pin Select.
This selects the desired pin function of below multi-function pins (port 0 or SPI Master).
QFN
Pin #
LQFP
Pin #
MP0_74_PSEL
= 0
= 1
38
60
P04
MSS0
21
35
P05
MSCLK
35
55
P06
MMOSI
34
53
P07
MMISO
3
MP1_10_
PSEL
CPU GPIO Port 1, Bit 1 ~ 0 Pin Select.
This selects the desired pin function of below multi-function pins (port 1 or Timer0).
QFN
Pin #
LQFP
Pin #
MP1_10_PSEL
= 0
= 1
--
9
P10
TM0_CK
--
14
P11
TM0_GT
4
MP1_32_
PSEL
CPU GPIO Port 1, Bit 3 ~ 2 Pin Select.
This selects the desired pin function of below multi-function pins (port 1 or Timer1).
QFN
Pin #
LQFP
Pin #
MP1_32_PSEL
= 0
= 1
--
16
P12
TM1_CK
--
18
P13
TM1_GT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com