Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68002QF Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 24Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 25Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 26Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 27Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 28Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 29Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 30Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 31Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
28
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.12 GPIOs
The CPU of AX6800x supports four 8-bit bi-directional, open-drain, general purpose input and output ports,
namely, P0[7:0], P1[7:0], P2[7:0] and P3[7:0]. Each port bit can be individually accessed by bit addressable
instructions.
For the special application, like push button, P0 and P2 support de-bounce and interrupt function which can be
programmed to detect the rising, falling edge and both interrupt event. Each bit in these two ports support the
wake-up function also. It can wake-up CPU from STOP or deep sleep mode. The function can be enabled or
disabled separately per bit.
2.13 Buzzer Controller
The Buzzer Controller of AX6800x supports 8 kinds of frequency and 5 duration times can be selected. CPU can
start the buzzer sound and will be interrupted when the duration is time up.
2.14 I2C Controller
The I2C Controller of AX6800x consists of an I2C master controller to support communication to external I2C
devices (Monitor), 2/4 I2C slave controllers to support communication to external Host with I2C master (PC).
I2C master controller supports the auto-detection function to detect the external monitor has been
plugged/un-plugged and the auto-load function to load the EDID contents from external monitor to internal 32KB
SRAM automatically.
Each I2C slave controller also supports the DMA function to read EDID information from 32KB SRAM to
external Host automatically.
2.15 High Speed SPI Controller
The High Speed Serial Peripheral Interface (SPI) Controller provides a full-duplex, synchronous serial
communication interface (4 wires) to flexibly work with numerous SPI peripheral devices or microcontroller with
SPI master. The High Speed SPI Controller consists of a High Speed SPI master controller with 3 slave select pins,
MSS[2:0], to connect up to 7 SPI devices and a High Speed SPI slave controller to support communication with
external microcontroller with SPI master.
For high performance applications, the High Speed SPI Controller in master and slave mode both support
burst-type transfer for receiving data from SPI bus to CPU xDATA memory via DMA write access (SPI RX
DMA) and for transmitting data from xDATA memory to SPI bus via DMA read access (SPI TX DMA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com