Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWRG4 Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC3544CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWRG4 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC3544CPWRG4 Datasheet HTML 27Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 28Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 29Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 30Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 31Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 32Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 33Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 34Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
TA – Free-Air Temperature – °C
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–65
–35
–52555
85
Internal Reference = 4 V
AVDD = 5 V
INL AND DNL
vs
FREE-AIR TEMPERATURE
INL (LSB)
DNL (LSB)
Figure 25
TA – Free-Air Temperature – °C
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
–65
–35
–52555
85
External Reference = 4 V
AVDD = 5 V
ZERO OFFSET AND GAIN ERROR (LSB)
vs
FREE-AIR TEMPERATURE
Zero Offset (LSB)
Gain Error (LSB)
–180
–140
–100
–60
–20
20
0
102030
405060
708090
100
FFT OF SNR
vs
FREQUENCY
f – Frequency – kHz
External Reference = 4 V
AVDD = 5 V
TA = 25°C
200 KSPS
Input Signal: 20 kHz, 0 dB
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com