Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC3544CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC3544CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
operation description
The converter samples the selected analog input signal, then converts the sample into digital output, according
to the selected output format. The converter has four digital input pins (SDI, SCLK, CS, and FS) and one digital
output pin (SDO) to communicate with the host device. SDI is a serial data input pin, SDO is a serial data output
pin, and SCLK is a serial clock from the host device. This clock is used to clock the serial data transfer. It can
also be used as the conversion clock source (see Table 2). CS and FS are used to start the operation. The
converter has a CSTART pin for an external hardware sampling and conversion trigger, and an INT/EOC pin
for interrupt purposes.
device initialization
After power on, the status of EOC/INT is initially high, and the input data register is set to all zeros. The device
must be initialized before starting the conversion. The initialization procedure depends on the working mode.
The first conversion result is ignored after power on.
Hardware Default Mode: Nonprogrammed Mode, Default. After power on, two consecutive active cycles
initiated by CS or FS put the device into hardware default mode if SDI is tied to DVDD. Each of these cycles must
last 16 SCLKs at least. These cycles initialize the converter and load the CFR register with 800h (external
reference, unipolar straight binary output code, normal long sampling, internal OSC, single-ended input,
one-shot conversion mode, and EOC/INT pin as INT). No additional software configuration is required.
Software Programmed Mode: Programmed. When the converter has to be configured, the host must write
A000h into the converter first after power on, then perform the WRITE CFR operation to configure the device.
start of operation cycle
Each operation consists of several actions that the converter takes according to the command from the host.
The operation cycle includes three periods: command period, sampling period, and conversion period. In the
command period, the device decodes the command from the host. In the sampling period, the device samples
the selected analog signal according to the command. In the conversion period, the sample of the analog signal
is converted to digital format. The operation cycle starts from the command period, which is followed by one
or several sampling and conversion periods (depending on the setting) and finishes at the end of the last
conversion period.
The operation cycle is initiated by the falling edge of CS or the rising edge of FS.
CS Initiates The Operation: If FS is high at the falling edge of CS, the falling edge of CS initiates the operation.
When CS is high, SDO is in the high-impedance state, the signals on SDI, and SDO are ignored, and SCLK is
disabled to clock the serial data. The falling edge of CS resets the internal 4-bit counter and enables SDO, SDI,
and SCLK. The MSB of the input data via SDI, ID[15], is latched at the first falling edge of SCLK following the
falling edge of CS. The MSB of output data from SDO, OD[15], is valid before this SCLK falling edge. This mode
works as an SPI interface when CS is used as the slave select (SS). It also can be used as a normal DSP
interface if CS connects to the frame sync output of the host DSP. FS must be tied high in this mode.
FS Initiates The Operation: If FS is low at the falling edge of CS, the rising edge of FS initiates the operation,
resets the internal 4-bit counter, and enables SDI, SDO, and SCLK. The ID[15] is latched at the first falling edge
of SCLK following the falling edge of FS. OD[15] is valid before this falling edge of SCLK. This mode is used
to interface the converter with a serial port of the host DSP. The FS of the device is connected to the frame sync
of the host DSP. When several devices are connected to one DSP serial port, CS is used as chip select to allow
the host DSP to access each device individually. If only one converter is used, CS can be tied low.
After the initiation, the remaining SDI data bits (if any) are shifted in and the remaining bits of SDO (if any) are
shifted out at the rising edge of SCLK. The input data are latched at the falling edge of SCLK, and the output
data are valid before this falling edge of SCLK. After the 4-bit counter reaches 16, the SDO goes to a
high-impedance state. The output data from SDO is the previous conversion result in one shot conversion
mode, or the contents in the top of the FIFO when the FIFO is used (refer to Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com