Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC3544CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC3544CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Charge
Redistribution
DAC
Control
Logic
_
+
REFM
Ain
ADC Code
Figure 5. Simplified Block Diagram of the Successive-Approximation System
analog input range and internal test voltages
TLC3548 has eight analog inputs (TLC3544 has four) and three test voltages. The inputs are selected by the
analog multiplexer according to the command entered (see Table 1). The input multiplexer is a break-
before-make type to reduce input-to-input noise injection resulting from channel switching.
The TLC3544 and TLC3548 are specified for a unipolar input range of 0-V to 4-V when the internal reference
is selected, and 0-V to 5-V when an external 5-V reference is used.
analog input mode
Two input signal modes can be selected: single-ended input and pseudodifferential input.
_
+
Charge
Redistribution
DAC
Control
Logic
Ain(+)
REFM
ADC Code
S1
Ain(–)
When sampling, S1 is closed and S2 connects to Ain(–).
During conversion, S1 is open and S2 connects to REFM.
Figure 6. Simplified Pseudodifferential Input Circuit
Pseudodifferential input refers to the negative input, Ain(–); its voltage is limited in magnitude to
±0.2 V. The input
frequency limit of Ain(–) is the same as the positive input Ain(+). This mode is normally used for ground noise
rejection or dc bias offset.
When pseudodifferential mode is selected, only two analog input channel pairs are available for the TLC3544
and four channel pairs for the TLC3548, because half the inputs are used as the negative input (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com