Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC3544CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC3544CPWRG4 Datasheet HTML 28Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 29Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 30Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 31Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 32Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 33Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 34Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 35Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
f – Input Signal Frequency – Hz
70
75
80
85
90
0
20000
40000
60000
80000
100000
External Reference = 4 V
AVDD = 5 V
TA = 25°C
SINAD
vs
INPUT SIGNAL FREQUENCY
100k
80k
60k
40k
20k
0
Figure 28
f – Input Signal Frequency – Hz
12.0
12.5
13.0
13.5
14.0
0
20000
40000
60000
80000
100000
External Reference = 4 V
AVDD = 5 V
TA = 25°C
ENOB
vs
INPUT SIGNAL FREQUENCY
100k
80k
60k
40k
20k
0
Figure 29
f – Input Signal Frequency – kHz
THD
vs
INPUT SIGNAL FREQUENCY
70
60
30
20
10
190 98
40
50
80
External Reference = 4 V
AVDD = 5 V
TA = 25°C
–80
–85
–90
–95
–100
Figure 30
85
90
95
100
105
0
20000
40000
60000
80000
100000
f – Input Signal Frequency – Hz
External Reference = 4 V
AVDD = 5 V
TA = 25°C
SFDR
vs
INPUT SIGNAL FREQUENCY
100k
80k
60k
40k
20k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com