Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC3544CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC3544CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC3544CPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD
= 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted)
SCLK, SDI, SDO, EOC and INT
PARAMETERS
MIN
TYP
MAX
UNIT
t (1)
Cycle time of SCLK at 25 pF load
DVDD = 2.7 V
100
ns
tc(1)
Cycle time of SCLK at 25-pF load
DVDD = 5 V
40†
ns
tw(1)
Pulse width, SCLK high time at 25-pF load
40%
60%
tc(1)
t
Rise time for INT EOC at 10 pF load
DVDD = 5 V
6
ns
tr(1)
Rise time for INT, EOC at 10-pF load
DVDD = 2.7 V
10
ns
t
Fall time for INT EOC at 10 pF load
DVDD = 5 V
6
ns
tf(1)
Fall time for INT, EOC at 10-pF load
DVDD = 2.7 V
10
ns
tsu(1)
Setup time, new SDI valid (reaches 90% final level) before falling edge of SCLK, at 25-pF
load
6
–
ns
th(1)
Hold time, old SDI hold (reaches 10% of old data level) after falling edge of SCLK, at
25-pF load
0
–
ns
t
Delay time, new SDO valid (reaches 90% of final level) after SCLK rising
DVDD= 5 V
0
10
ns
td(1)
Delay time, new SDO valid (reaches 90% of final level) after SCLK rising
edge, at 10-pF load
DVDD = 2.7 V
0
23‡
ns
th(2)
Hold time, old SDO hold (reaches 10% of old data level) after SCLK rising edge, at 10-pF
load
0
–
ns
td(2)
Delay time, delay from sixteenth SCLK falling edge to EOC falling edge, normal sampling,
at 10-pF load
0
6
ns
td(3)
Delay time, delay from the sixteenth falling edge of SCLK to INT falling edge, at 10-pF
load [see the (‡) double dagger note and Note 6]
t(conv)
t(conv) + 6
µs
† The minimum pulse width of SCLK high is 12.5 ns. The minimum pulse width of SCLK low is 12.5 ns.
‡ Specified by design
NOTE 6: For normal short sampling, td(3) is the delay from 16th falling edge of SCLK to INT falling edge.
For normal long sampling, td(3) is the delay from 48th falling edge of SCLK to the falling edge of INT.
Conversion time, t(conv) is equal to 18 × OSC + 15 ns when using internal OSC as conversion clock, or 72 × tc(1) + 15 ns when external
SCLK is conversion clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com