Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
SERIES PASS POWER SUPPLY
The series pass outputs the SREGI1 voltage to SREGO1,
the SREGI2 voltage to SREGO2, and the SREGI3 voltage to
SREGO3. If you use MOSFET as the external component in
this case, connect the gate to SREG2G.
Table 12. Output Voltage of SREG1
Address : 0101(31)
B7
B6
B5
B4
B3
B2
B1
Reserved
SREG1 [V](32)
L
L
L
L
L
L
L
H
0.865
L
L
L
L
L
L
H
H
0.880
L
L
L
L
L
H
L
H
0.895
L
L
L
L
H
L
L
H
0.926
L
L
L
H
L
L
L
H
0.986
L
L
H
L
L
L
L
H
1.107
L
H
L
L
L
L
L
H
1.349
H
L
L
L
L
L
L
H
1.833
H
L
L
L
L
L
H
H
1.848
H
L
L
L
L
H
L
H
1.863
H
L
L
L
H
L
L
H
1.893
H
L
L
H
L
L
L
H
1.954
H
L
H
L
L
L
L
H
2.075
H
H
L
L
L
L
L
H
2.317
H
H
H
H
H
H
H
H
2.800
Notes
32.
The SREG1 and 3 output voltages are determined by the combination of external resistances connected to
REGC1 and 3 (65.14KΩ between SREGO1 and REGC1, 34.86KΩ between REGC1 and GND, 73.84KΩ
between SREGO3 and REGC3, and 26.16KΩ between REGC3 and GND).
33.
All combinations of input are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com