Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP/R2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
When RSTO1B(int) is Low, output LVB voltage to V_STBY
terminal. When RSTO1B(int) is High, output VO1 voltage to
V_STBY terminal. When CLR is Low, LSWO is open. When
RSTO1B(int) is High and CLR is High, LSWO output voltage
turns GND. When RSTO1B(int) is Low and RSTO1B is High,
discharge the external capacitor which is connected to
V_STBY. When using Ni_mh, short-circuit VB and LVB to
external components and HVB to GND. When using Li_ion,
short-circuit HVB to VB, and leave LVB open. When using
Ni_MH, the VB voltage is output from V_STBY in Standby
mode. When using Li-Ion, 50% of the VB voltage is output to
V_STBY terminal in Standby Mode.
RESET CIRCUIT
Figure 8. Reset Circuit Block Diagram
When the VO1 or VO2 voltage is higher than the reference
value, RSTO1B or 2B goes High. When RSTO1B(int) is Low
and RSTO1B is High, SLEEP(int) is forced to place the chip
into the standby mode.
Connect a capacitor between RST1ADJ and CRST. The
capacitor is not necessary if a resistor of 330KΩ or less is
inserted between RST1ADJ and VC1 for reset adjustment
Connect the capacitor between RST1ADJ and RSTB as
directed below.
When SEQSEL is Low: Between RST1ADJ and CRST1
When SEQSEL is High: Between RST1ADJ and CRST2
Use a capacitor with approximately half of the
capacitance between CRST and GND
Table 8. HVB and LVB Connection
MODE
HVB
LVB
Li_ion
VB(28)
open
Ni_mh
GND
VB(28)
Notes
28.
Externally connect to VB.
Table 9. V_STBY and LSWO Operation
INPUT
OUTPUT
WAKE(Int)
RSTO1B(Int)
CLR
V_STBY
LSWO
L
X
X
VB
Z
H
L
X
VB
Z
H
H
L
VO1
Z
H
H
H
VO1
L
Z : High Impedance, X : Don’t care
BANDGAP
REFERENCE
(RSTO1B side only)
RST1B, 2B
Reset
Control
CRST1, 2
RST1ADJ
RSTO1B, 2B(Int)
CRST1, 2
VO1
VO1
VO1, 2 VG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com