Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP/R2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 9. Reset Timing Diagram
POWER SUPPLY VO1, VO2: NI_MH
The VB voltage rises and is output to VI1. When
RSTO2B(int) is High, the power switch turns ON to output the
VO1 voltage to VCC1. Capacitance value which is connected
to VO1 should be higher than the capacitor connected to
VCC1.
The VB voltage rises or falls and is output to VI2. When
RSTO2B(int) is High, the power switch turns ON to output the
VO2IN voltage to VCC2. If you turn DDC2 OFF using the
register, the power switch 2 also turns OFF. Capacitance
value which is connected to VO2IN should be higher than the
capacitor connected to VCC2.
RST1B(Int)
RST1B
SLEEP(Int)
Table 10. Output Voltage of VO1
Address : 0011(30)
B7
B6
B5
B4
B3
B2
B1
S_Off_VO1
VO1 [V](29)
L
L
L
L
L
L
L
X
1.613
L
L
L
L
L
L
H
X
1.625
L
L
L
L
L
H
L
X
1.638
L
L
L
L
H
L
L
X
1.663
L
L
L
H
L
L
L
X
1.713
L
L
H
L
L
L
L
X
1.813
L
H
L
L
L
L
L
X
2.013
H
L
L
L
L
L
L
X
2.413
H
L
L
L
L
L
H
X
2.425
H
L
L
L
L
H
L
X
2.438
H
L
L
L
H
L
L
X
2.463
H
L
L
H
L
L
L
X
2.513
H
L
H
L
L
L
L
X
2.613
H
H
L
L
L
L
L
X
2.813
H
H
H
H
H
H
H
X
3.200
Notes
29.
Operation is not guaranteed when VO1 input voltage is 1.8 V or lower. By connecting a diode between
VI1 and VO1, VI1 can output voltage higher (with the voltage difference Vf) than VO1.
30.
All combinations of input are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com