Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
18730
STATIC ELECTRICAL CHARACTERISTICS
Reset Circuit
Reset Voltage 1
Reset Voltage 2
Hysteresis Voltage 1 (@RST1)
Hysteresis Voltage 2 (@RST2)
RSTB (VRSTB = 2.4 V)
(Isink = 2 mA)
CRST (Isink = 100 µA)
High Level Threshold Voltage
Low Level Threshold Voltage
CRST Pull-Up Resistance
VRST1
VRST2
VHYRS1
VHYRS2
IORSTB1,2
VOLRSTB1,2
VOLCR1,2
VIHCR1,2
VILCR1,2
RPUPRC1,2
0.85 x VO1
0.80 x VO2
40
50
0
0
0
1.25
0.75
50
0.88 x VO1
0.85 x VO2
78
75
-
-
-
1.42
1.00
100
0.91 x VO1
0.90 x VO2
115
100
10
0.5
0.7
1.65
1.15
150
V
V
mV
mV
µA
V
V
V
V
KΩ
V_STBY Output Resistance
Output Resistance (VO1)
Output Resistance (VB)
RVO1
RVB
-
-
30
200
45
400
Ω
LSWO Output Resistance
Output Resistance
RLSWO
-
42
50
Ω
Ext_G_ON
Ext_G_ON Output Voltage (Isource = 100 µA)
(Isink = 100 µA)
VOHEXTG
VOLEXTG
VG x 0.9
0
-
-
VG
VG x 0.1
V
Logic Input
"H" Level Input Voltage (21)
"L" Level Input Voltage (21)
"H" Level Input Voltage (22)
"L" Level Input Voltage (22)
"H" Level Input Voltage (23)
"L" Level Input Voltage (23)
"H" Level Input Current (21), (23)
"L" Level Input Current (23), (24)
Pull Up Resistance (25)
Pull Down Resistance (26)
VIHVS
VILVS
VIH
VIL
VIHVB
VILVB
IIH
IIL
RPUP
RPDW
V_STBY - 0.2
-
1.5
-
VB - 0.2
-
-1
-1
410
330
-
-
-
-
-
-
-
-
590
480
-
0.2
-
0.4
-
0.2
1
1
770
625
V
V
V
V
V
V
µA
µA
KΩ
KΩ
Notes
21.
Applied to WAKEB1 ~ 4 and SEQSEL.
22.
Applied to CLR, SLEEP, CLKIN, DATA, STRB and SCKIN.
23.
Applied to VGSEL1 and 2.
24.
Applied to WAKEB1 ~ 3, CLR, SLEEP, CLKIN, DATA, STRB, SCKIN and SEQSEL.
25.
Applied to WAKEB4.
26.
Applied to CLR, SLEEP, CLKIN, DATA, STRB and SCKIN.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VB = 1.2 V, VO1 = 2.4 V, VG = 6.0 V, fCLK = 176.4 kHz unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 27°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com