Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
18730
FUNCTIONAL DIAGRAMS
Twelve bits immediately before start-up of STRB are
always effective. Upon power on, the internal power on reset
works to initialize the registers. Serial data is fetched in the
order of Add_[3], Add_[2], ..., Add_[0], DATA1_[3],
DATA1_[2], ...., DATA2_[0].
Table 5. Serial Interface Functions
Register Name Address
DATA1
DATA2
0
CLR, SLEEP
1000
CLR
SLEEP
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
1
Power Mode
0001
PSW1
PSW2
RSTO1B
VCC2
SREG1
SREG2
SREG3
RSTO2B
2
Clock Select
0010
Ext / Int
Half Freq
RSTB sleep S_Off_VG
VG_Duty[3] VG_Duty[2] VG_Duty[1] VG_Duty[0]
3
VO1
0011
MSB
VO1 Output Voltage
LSB
S_Off_VO1
4
VO2
0100
MSB
VO2 Output Voltage
LSB
S_Off_VO2
5
SREG1
0101
MSB
SREG1 Output Voltage
LSB
Reserved
6
SREG2
0110
MSB
SREG2 Output Voltage
LSB
7
SREG3
0111
MSB
SREG3 Output Voltage
LSB
CP Off
EXTG On
Table 6. Block Operation
INPUT
OUTPUT
WAKE(Int)
RSTO1B(Int)
RSTO1B
RSTO2B(Int)
SEQSEL
VG
VO1
VO2
VCC1,2
REG1,2,3
L
X
X
X
X
-
-
-
-
-
H
L
L
L
L
O
O
-
-
-
H
H
L
L
L
O
O
-
-
O
H
H
L
L
H
O
O
-
-
-
H
H
H
H
L
O
O
O
O
O
H
H
H
H
H
O
O
O
O
O
O : Operation, - : Stop, X : Don’t care
Table 7. Start-Up Sequence Settings
SEQSEL
CLR/SLEEP
Series Regulators
V_STBY
RSTO2B(Ext)
RSTO2B(Int)
GND
RSTO1B(Ext)
RSTO1B(Int)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com