Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2291ARMZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2291ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2291
Rev. 0 | Page 4 of 20
Parameter
Conditions
Min
Typ
Max
Unit
Battery Charge Timer
Charge/Discharge TIMER Current
21.0
24.0
27.0
µA
Low Threshold
1.2
V
High Threshold
2.0
V
High-Low Threshold Delta2
750
850
mV
Overshoot Protection
BAT Threshold
4.7
5
5.3
V
Current Sink
<2 ms duration
1.5
A
CHG Output
Output Voltage Low
Current = 20 mA
0.45
V
Output Leakage Current
V
CHG = 5 V
0.1
1
µA
Base Drive Capability
Max Base Drive Current
40
mA
Thermal Shutdown
Shutdown Threshold
TA rising
135
°C
Hysteresis
35
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25° C.
2 Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com