Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2291ARMZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2291ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP2291
Rev. 0 | Page 11 of 20
THERMAL SHUTDOWN
In the event that the ADP2291 junction temperature rises above
135°C, thermal shutdown occurs. Extreme junction tempera-
tures may be the result of excessive current operation and/or
high ambient temperatures. A 35°C temperature hysteresis is
included so that the ADP2291 does not return to operation
during thermal shutdown until the on-chip temperature drops
below 100°C.
CONTROL
LOGIC
TIMER
TEMP
VOLTAGE
REFERENCE
GM
3V
1.2V
5V
GM
GM
TIMER
ADJ
BAT
DRV
CS
IN
SHUTDOWN
VIN_GOOD
RESTART
BAT
4.1V
BAT
2.5V
CHG
0.4V
IN
BAT
IN
3.8V
IPNP
C/10
PRECHARGE
POWER_DOWN
END_OF_CHARGE
Figure 20. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com