Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2291ARMZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2291ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP2291
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The ADP2291 is intended to charge a single cell, lithium battery
from a supply voltage or wall adapter providing 4.5 V to 12 V.
The charge controller adjusts the base current of an external
PNP transistor to optimize current and voltage applied to the
battery during charging. A low value resistor placed in series
with the battery charging current provides current measure-
ment for the ADP2291.
To assure safety and long battery lifetime, the ADP2291 charges
the battery using a simple step-by-step cycle, as shown in the
state diagram of Figure 26. The normal charge cycle begins by
measuring the battery voltage to determine charge level. If the
battery is deeply discharged, then low current precharge is
initiated. Once precharge is complete, normal fast charge at the
maximum current (denoted as IMAX) begins. This maximum
current can be adjusted by varying the sense resistor value or by
varying the voltage at the adjust pin. As the battery approaches
full capacity, the charging current is reduced until the end-of-
charge condition is reached. Batteries that are not deeply
discharged skip the precharge mode and immediately begin fast
charging. Each of these modes and associated fault conditions
are discussed in detail.
PRECHARGE MODE
For deeply-discharged cells, the ADP2291 charges at a reduced
rate when the battery voltage VBAT < 2.8 V. This reduced rate is
IMAX/10 when the ADJ pin voltage is 3 V, and IMAX/5 when the
ADJ pin voltage is 1.5 V. For ADJ pin voltages in between, the
charge current can be interpolated. If the battery voltage does
not increase past 2.8 V before the precharge timer elapses
(typically 30 minutes), a battery fault is assumed and the
ADP2291 shuts down and does not restart until the input
voltage is cycled OFF and then back ON. Note that in this mode
shutdown commands are ignored.
END-OF-CHARGE MODE
Once the voltage loop reduces the charge current to 1/10 of its
nominal value, IMAX (irrespective of the ADJ voltage), the
ADP2291 detects the end-of-charge (EOC) state and the charge
status indicator becomes high-impedance.
Low level charging continues until the timer terminates the
charge (nominally 30 minutes).
SHUTDOWN MODE
When the ADJ input is pulled below 0.4 V, the ADP2291 is put
into shutdown mode. When in this mode, the charger is
disabled, the current drawn from the battery falls to less than
1 µA and the current drawn from IN falls to 0.7 mA.
When the charger is re-enabled, the charger returns to the
START state but quickly sequences through the states until the
proper charge mode is reached.
CHARGE RESTART
Once charge is complete in end-of-charge or timeout modes,
the ADP2291 continually monitors the cell voltage and charge
current. When the cell voltage falls by 100 mV or the charge
current increases beyond the EOC hysteresis, the ADP2291
initiates another charge cycle to keep the cell fully charged. See
the state diagram in Figure 26.
PROGRAMMABLE TIMER
The on-chip timer, controlled by an external capacitor
CTIMER, determines the timeout intervals of the various
charger modes. For example, a CTIMER value of 0.1 µF results
in a precharge timeout interval of 30 minutes, a fast charge
timeout of 3 hours, and an end-of-charge timeout of 30
minutes. The ratio between precharge and end-of-charge to fast
charge time-out is always 1/6. All these time intervals are
proportional to the CTIMER capacitor value, allowing them to
be adjusted over a wide range. Connecting the TIMER pin to
ground disables the timer.
CHARGE STATUS INDICATOR
The ADP2291 contains a charge status output, CHG, that sinks
current when the ADP2291 is charging the battery. This output
can be used as a visual signal by connecting it to an LED, or it
may be used to generate a logic-level charge status signal by
connecting a resistor between CHG and logic high.
AUTOMATIC REVERSE ISOLATION
When the voltage on the BAT pin is higher than the voltage on
IN, the ADP2291 automatically connects the base of the pass
device to BAT. This removes the necessity of having an external
diode between the pass device and battery, further reducing the
charger’s footprint and component count.
OVERSHOOT PROTECTION
In the event of a battery disconnect during charging, a voltage
overshoot condition on BAT could occur. The ADP2291
includes an overshoot protection circuit that activates when
VBAT rises to 5 V and sinks up to 1.5 A to protect the external
components.
POWER SUPPLY CHECKS
To assure proper operation, the ADP2291 checks the absolute
voltage level of the input supply and the supply voltage relative
to the battery. When the supply IN is below 3.8 V, the chip is
internally powered down and does not respond to external
control. In this power-down mode, the device draws less than
1 µA from the battery. The VIN good comparator halts operation
if the supply voltage is less than 165 mV above the battery
voltage, insuring that charging only occurs if the supply voltage
is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com