Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2291ARMZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2291ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP2291
Rev. 0 | Page 12 of 20
APPLICATION INFORMATION
SETTING THE MAXIMUM CHARGE CURRENT
The maximum charge current is set by choosing the proper
current sense resistor, RS, and the voltage on the ADJ input. The
charger nominally regulates its output current at the point
where the voltage across the current sense resistor VIN–VCS
(defined as VRS) is 150 mV. This setpoint voltage can be adjusted
by pulling down on the ADJ input, which is internally attached
through a 100 kΩ pull-up resistor to 3 V. Each volt of pull-down
from 3 V will reduce VRS by 67 mV during fast charge. A
minimum of 50 mV is reached when a 100 kΩ resistor is
attached between ADJ and ground. During slow charge the
voltage across the current sense resistor is 15 mV with no
connection to ADJ and drops to 10 mV with a 100 kΩ resistor
attached to ground. Therefore the maximum charge rate IMAX
can be calculated as
)
mΩ
(
)
mV
(
S
RS
MAX
R
V
I
=
(1)
where 50 mV ≤ VRS ≤ 150 mV
After determining suitable values for VRS and RS, the value of
VADJ and RADJ can be calculated as
V
V
V
RS
ADJ
mV
7
.
66
mV
50
)
mV
(
+
=
(2)
RADJ = 100 kΩ ×
⎟
⎠
⎞
⎜
⎝
⎛
− ADJ
ADJ
V
V
V
3
(3)
Examples of resistor combinations are shown in Table 4.
Table 4. Examples of RS and RADJ Selection
IMAX
RS
VRS
VADJ
RADJ
1.5 A
100 mΩ
150 mV
3 V
Open
1 A
100 mΩ
100 mV
2.25 V
300 K
750 mA
100 mΩ
75 mV
1.87 V
167 K
500 mA
100 mΩ
50 mV
1.5 V
100 K
750 mA
200 mΩ
150 mV
3 V
Open
500 mA
200 mΩ
100 mV
2.25 V
300 K
375 mA
200 mΩ
75 mV
1.87 V
167 K
250 mA
200 mΩ
50 mV
1.5 V
100 K
500 mA
300 mΩ
150 mV
3 V
Open
333 mA
300 mΩ
100 mV
2.25 V
300 K
250 mA
300 mΩ
75 mV
1.87 V
167 K
167 mA
300 mΩ
50 mV
1.5 V
100 K
SETTING THE MAXIMUM CHARGE TIME
The maximum charge time is intended as a safety mechanism to
prevent the charger from trickle charging the cell indefinitely. It
does not terminate charging under normal charging conditions,
but only when there is a failure to reach end-of-charge. A typical
cell charges at a 1 C rate in about 1.5 hours, depending on the
cell type, temperature, and manufacturer. Generally, a three
hour time limit is sufficient to prevent a normal charge cycle
from being interrupted by the charge timer. It is recommended
that the cell manufacturer be consulted for timing details.
The maximum charge time is set by selecting the value of the
CTIMER capacitor. Calculate the timer capacitance using
CTIMER = tCHG(minutes) ×
minutes
1800
1 F
µ
(4)
The precharge and end-of-charge periods are 1/6 the duration
of the fast charge time limit. The charge timers are completely
disabled by connecting the TIMER pin to ground. If the timers
are disabled, the FAULT and TIMEOUT states are never
reached, so the timers should only be disabled if charging is
monitored and controlled externally.
EXTERNAL CAPACITORS
Use an input supply capacitor (CIN) with a value in the
1 µF to 10 µF range and place it close to the ADP2291. This
should provide adequate input bypassing, but the selected
capacitor should be checked in the actual application circuit.
Check that the input voltage does not droop or overshoot
excessively during the start-up transient.
Use a battery output capacitor (COUT) with a value of at least
10 µF. This capacitance provides compensation when no battery
load is present. In addition, the battery and interconnections
appear inductive at high frequencies and must be accounted for
when the charger is operated with a battery load. Therefore, a
small amount of output capacitance is necessary to compensate
for the inductive nature of the battery and connections. Use a
minimum output capacitance value of 1 µF for applications
where the battery cannot be removed.
REVERSE INPUT PROTECTION
The diode, D1, shown in Figure 22 through Figure 25 is
optional. It is only required if the input adapter voltage can
be applied with a reverse polarity.
If the adapter voltage is high enough, a Schottky diode is recom-
mended to minimize the voltage difference from the adapter to
the charger input and the power dissipation. Choose a diode
with a continuous current rating high enough to handle battery
charging current at the maximum ambient temperature. Use a
diode whose voltage rating is greater than the maximum
adapter voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com