Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2291ARMZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2291ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADP2291ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP2291
Rev. 0 | Page 14 of 20
TYPICAL APPLICATION CIRCUIT
A typical application circuit is shown in Figure 22. The circuit is
capable of a 750 mA charge current for an input voltage of 4.5 V
to 6 V. Higher input voltages can be used, but the increased
power dissipation of the pass device must be taken into account.
ADP2291
TIMER
ADJ
RS
200m
Ω
Q1
FZT549
D1
BAT1000
CTIMER
100nF
INPUT
4.6V–12V
+
IN
CHG
BAT
CIN
2.2
µF
GND
CS
DRV
COUT
10
µF
Figure 22. Typical Application Circuit
EOC TERMINATES CHARGING
In some applications, the charger is required to terminate
charging when the EOC threshold is reached. Automatic
charger restart is not desired. Adding components R1, C1, and
Q2 terminates charging when the CHG pin opens and prevents
further charging until the adapter is removed and reasserted.
ADP2291
TIMER
ADJ
RS
200m
Ω
Q1
FZT549
Q2
2N7002
D1
BAT1000
CTIMER
100nF
C1
100nF
INPUT
4.6V–12V
+
IN
CHG
BAT
CIN
2.2
µF
R1
500k
Ω
GND
CS
DRV
COUT
10
µF
LI-ION
CELL
Figure 23. Self-Termination Circuit
SELECTABLE CHARGE CURRENT
In applications where the charge current needs to be selectable,
use the circuit shown in Figure 24. This circuit allows a
processor to determine if the charge current needs to be
reduced due to an input source limitation or a different battery
capacity option, or simply to reduce the stress on the pass
transistor. R2 and Q2 allow the charge current to be selected
between HIGH—750 mA, and LOW—250 mA.
ADP2291
TIMER
ADJ
RS
200m
Ω
R2
100k
Ω
Q1
FZT549
Q2
2N7002
D1
BAT1000
CTIMER
100nF
INPUT
4.6V–12V
+
IN
CHG
BAT
CIN
2.2
µF
GND
CS
DRV
LOW/HIGH
COUT
10
µF
LI-ION
CELL
Figure 24. Selectable Charge Current Circuit
THERMAL PROTECTION
In applications where the overall size must be small or the input
voltage range is wide, adding thermal regulation is suggested.
This allows the charger to monitor the temperature of the pass
device and decrease the charge current as the temperature
increases. By adding a NTC thermistor to the ADJ pin it is
possible to accomplish this; however, care is still required to
ensure that the power dissipation of the pass device is not
exceeded.
ADP2291
TIMER
ADJ
RS
200m
Ω
Q1
FZT549
R1
470k
NTC LOCATED
NEAR Q1
R2
100k
D1
BAT1000
CTIMER
100nF
INPUT
4.6V–12V
+
IN
CHG
BAT
CIN
2.2
µF
GND
CS
DRV
COUT
10
µF
LI-ION
CELL
Figure 25. Thermal Regulation Circuit
Some suggested NTC thermistor suppliers are listed in Table 6.
Table 6. NTC Thermistor Manufacturers
Vendor
Part Number
Website
BetaTherm
SMD2500KJ435J
www.betatherm.com
Murata
NCP18WM474J
www.murata .com
Panasonic
ERTJ0EV474J
www.panasonic.com
Vishay
2322 615 1.474
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com