Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2291ACPZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2291ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP2291
Rev. 0 | Page 7 of 20
12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN (V)
4.21
4.205
4.20
4.195
4.19
46
10
8
Figure 4. Battery Voltage vs. Input Voltage
TEMPERATURE (°C)
4.21
4.205
4.20
4.195
4.19
–50
–25
25
0
125
100
75
50
Figure 5. Battery Voltage vs. Temperature
ICHG (mA)
4.22
4.21
4.20
4.19
4.18
0
200
800
600
400
Figure 6. Battery Voltage vs. Charge Current,
RS = 200 mΩ, VADJ = 3 V
IBAT (V)
800.0
600.0
700.0
500.0
400.0
300.0
200.0
100.0
0.0
2.50
3.00
4.50
4.00
3.50
Figure 7. Charge Current vs. Battery Voltage,
RS = 200 mΩ, VADJ = 3 V
TEMPERATURE (°C)
250
200
150
100
50
0
–50
–25
0
125
75
100
50
25
Figure 8. Battery Reverse Current vs. Temperature
VIN = float, VBAT = 4.2 V
TEMPERATURE (°C)
4.10
4.09
4.08
4.07
4.06
4.05
–40
–20
0
100
60
80
40
20
Figure 9. Restart Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com