Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2291ACPZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2291ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP2291
Rev. 0 | Page 15 of 20
POWER-DOWN
VRS = 0mV
CHG = OPEN
BATTERY
FAULT
VRS = 0mV
CHG = OPEN
END OF
CHARGE
VRS = 150mV
CHG = OPEN
START
VRS = 0mV
CHG = OPEN
PRECHARGE
VRS = 15mV
CHG = LOW
FAST CHARGE
VRS = 150mV
CHG = LOW
TIME OUT
VRS = 0mV
CHG = OPEN
SHUTDOWN
VRS = 0mV
CHG = OPEN
VIN > 3.8V
VBAT > 2.8V
VBAT < 2.8V
VBAT < 4.1V
VADJ < 0.4V
VADJ > 0.4V AND TEMP < 100°C
VADJ < 0.4V
VBAT < 4.1V OR
IPNP > C/10
IPNP < C/10 AND
VBAT > 4.1V
T = 30 MIN
T = 30 MIN
T = 3 HOUR
TEMP > 135°C
FROM ANYWHERE
ASYNCHRONOUSLY
VIN < 3.8V
FROM ANYWHERE
ASYNCHRONOUSLY
START SEQUENCE ENDS
VADJ < 0.4V
Figure 26. State Diagram for the ADP2291,
CTIMER = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com