Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2291ACPZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2291ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP2291
Rev. 0 | Page 13 of 20
In cases where the voltage drop across the protection device
must be kept low, a P MOSFET is recommended. Connect the
MOSFET as shown in Figure 21.
ADP2291
RS
INPUT
4.6V–12V
IN
CHG
CIN
CS
DRV
Figure 21. Reverse Input Protection
EXTERNAL PASS TRANSISTOR
Choose the external PNP pass transistor based on the given
operating conditions and power handling capabilities. The pass
device is determined by the base drive available, the input and
output voltage, and the maximum charge current.
Select the pass transistor with a collector-emitter breakdown
voltage that exceeds the maximum adapter voltage. A VCEO
rating of at least 15 V is recommended.
To provide a charge current of IMAX with a minimum base drive
of 40 mA requires a PNP beta of at least
βMIN =
mA
I
I
I
MAX
MAX
40
=
Β
(5)
Note that the beta of a transistor drops off with collector
current. Therefore, make sure the beta at IMAX meets the
minimum requirement.
For cases where the adapter voltage is low (less than 5.5 V)
calculate the saturation voltage using the following equation:
VCE(SAT)
= VADAPTER(MIN) − VPROTECT − VRS − VBAT
(6)
where VPROTECT = the forward drop of the reverse input
protection.
The power handling capabilities of the PNP pass transistor is
another important parameter. The maximum power dissipation
of the pass transistor is estimated using
PDISS (W)
= IMAX × (VADAPTER(MAX) − VPROTECT − VRS − VBAT) (7)
where VRS = 150 mV at VADJ = 3.0 V
= 50 mV at VADJ = 1.5 V
VBAT =
2.8 V, the lowest cell voltage where fast charge can occur
It should be noted that the adapter voltage can be either pre-
regulated or unregulated. In the preregulated case the difference
between the maximum and minimum adapter voltage is small.
In this case use the maximum regulated adapter voltage to
determine the maximum power dissipation. In the unregulated
case, the adapter voltage can have a wide range specified. How-
ever, the maximum voltage specified is usually with no load
applied. Therefore, the worst-case power dissipation calculation
often leads to an over-specified pass device. In either case, it is
best to determine the load characteristics of the adapter to
optimize the charger design.
For example:
VADAPTER(MIN)
= 5.0 V
VADAPTER(MAX)
= 6.0 V
IMAX
= 500 mA
VPROTECT
= 0.2 V at 500 mA
VADJ = 3 V
VRS
= 150 mV
βMIN =
5
.
12
40
500
=
=
Β
mA
mA
I
IMAX
VCE(SAT)
= VADAPTER(MIN) − VPROTECT − VRS − VBAT
= 5.0 V − 0.2 V − 0.15 V − 4.2 V
= 0.45 V
PDISS (W
) = IMAX × (VADAPTER(MAX) − VPROTECT − VRS − VBAT)
= 0.50 A × (6.0 V − 0.2 V − 0.15 V − 2.8 V)
= 1.4 W
A guide for selecting the PNP transistor is given in Table 5.
Table 5. PNP Pass Transistor Selection Guide
Vendor
Part Number
Package
Max PD@ 25°C
Beta @1A
VCE (SAT)
Fairchild
FSB6726
NZT45H8
SuperSOT
SOT223
0.5 W
1.5 W
150
110
0.5 V
0.1 V
ON Semi
MTB35200
BCP53T1
MMJT9435
TSOP-6
SOT223
SOT223
0.625 W
1.5 W
1.6 W
200
35
200
0.175 V
0.3 V
0.18 V
Philips
BCP51
SOT223
1.3 W
50
0.5 V
ZETEX
ZXT10P20DE6
ZXT2M322
FZT549
FMMT549
SOT23-6
2 mm × 2 mm MLP
SOT223
SOT23
1.1 W
1.5 W
2 W
0.5 W
270
270
130
130
0.17 V
0.17 V
0.25 V
0.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com