Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2291ACPZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2291ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP2291
Rev. 0 | Page 17 of 20
0.50
2
× VIAS, 0.250∅
35
µm PLATING
3.36
0.90
1.80
2.36
1.90
1.40
0.30
0.73
Figure 27. 3 mm × 3 mm LFCSP Pad Pattern
(Dimensions in mm)
Table 7. Variables Description
Variable
Name
Description
VX
The voltage on Pin X
VRS
The regulation setpoint for the voltage across the
sense resistor (RS)
VBAT, EOC
The battery voltage at the point charging current is
1/10 the current setpoint
IMAX
The charge current corresponding to VRS,
including the effects of ADJ pin voltage
IMAX0
The charge current corresponding to the VRS
setpoint, ignoring ADJ effects (i.e. C0 = 150 mV/RS)
C rate
The charge current (mA) expressed as a multiple of
the nominal battery capacity (mAh). A 900 mAh
capacity battery charged at a 1/10 C rate, is
equivalent to a 90 mA charge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com