Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2291ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2291ACPZ-R7
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2291ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2291ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP2291
Rev. 0 | Page 16 of 20
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed
circuit boards:
•
Keep the output capacitor as close to the BAT and GND
pins as possible.
•
Keep the input capacitor as close to the IN and GND pins
as possible.
•
PC board traces with larger cross-sectional areas remove
more heat from the pass transistor. For optimum heat
transfer, specify thick copper and use wide traces.
•
Use additional copper layers or planes to reduce the
thermal resistance. When connecting to other layers, use
multiple vias if possible.
LFSCP LAYOUT CONSIDERATIONS
The CSP package has an exposed die paddle on the bottom that
efficiently conducts heat to the PCB. In order to achieve the
optimum performance from the CSP package, give special
consideration to the layout of the PCB. Use the following layout
guidelines for the CSP package:
•
The pad pattern is shown in Figure 27. Follow the pad
dimension closely for reliable solder joints while
maintaining reasonable clearances to prevent solder
bridging.
•
The thermal pad of the CSP package provides a low
thermal impedance path (approximately 20°C/W) to the
PCB. Therefore a properly designed PCB effectively con-
ducts the heat away from the package. This is achieved by
adding thermal vias to the PCB that provide a thermal path
to the inner or bottom layers. Note that the via diameter is
small to prevent the solder from flowing through the via
and leaving voids in the thermal pad solder joint.
Note that the thermal pad is attached to the die substrate,
so the thermal planes that the vias attach the package to
must be electrically isolated or connected to GND.
•
The solder mask opening should be about 120 microns
(4.7 mils) larger than the pad size, resulting in a minimum
of 60 microns (2.4 mils) clearance between the pad and the
solder mask.
•
The paste mask opening is typically designed to match the
pad size used on the peripheral pads of the LFCSP package.
This should provide a reliable solder joint as long as the
stencil thickness is about 0.125 mm. The paste mask for the
thermal pad needs to be designed for the maximum cover-
age to effectively remove the heat from the package. How-
ever, due to the presence of thermal vias and the size of the
thermal pad, eliminating voids may not be possible.
•
The recommended paste mask stencil thickness is
0.125 mm. Use a laser cut stainless steel stencil with
trapezoidal walls.
•
Use a no clean, Type 3 solder paste for mounting the
LFCSP package. A nitrogen purge during the reflow
process is recommended.
•
The package manufacturer recommends that the reflow
temperature not exceed 220°C and the time above liquidus
is less than 75 seconds. Make sure the preheat ramp is
3°C/second or lower. The actual temperature profile
depends on the board’s density and should be determined
by the assembly house.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com