Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 31Page - NXP Semiconductors PCF2129AT Datasheet HTML 32Page - NXP Semiconductors PCF2129AT Datasheet HTML 33Page - NXP Semiconductors PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors PCF2129AT Datasheet HTML 38Page - NXP Semiconductors PCF2129AT Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
35 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.9.5 Register Weekday_alarm
8.9.6 Alarm flag
When all enabled comparisons first match, the alarm flag AF (register Control_2) is set.
AF remains set until cleared by command. Once AF has been cleared, it will only be set
again when the time increments to match the alarm condition once more. For clearing the
flags, see Section 8.10.5
Alarm registers which have their alarm enable bit AE_x at logic 1 are ignored.
8.10 Timer functions
The PCF2129 has a watchdog timer function. The timer can be switched on and off by
using the control bit WD_CD in the register Watchdg_tim_ctl.
The watchdog timer has four selectable source clocks. It can, for example, be used to
detect a microcontroller with interrupt and reset capability which is out of control (see
Section 8.10.3)
To control the timer function and timer output, the registers Control_2, Watchdg_tim_ctl,
and Watchdg_tim_val are used.
Table 46.
Weekday_alarm - weekday alarm register (address 0Eh) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
Reset
value
1-
-
-
-
X
X
X
Table 47.
Weekday_alarm - weekday alarm register (address 0Eh) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Description
7
AE_W
0
weekday alarm is enabled
1
weekday alarm is disabled
6 to 3
-
-
unused
2 to 0
WEEKDAY_ALARM
0 to 6
weekday alarm information
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 18. Alarm flag timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com