Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 60Page - NXP Semiconductors PCF2129AT Datasheet HTML 61Page - NXP Semiconductors PCF2129AT Datasheet HTML 62Page - NXP Semiconductors PCF2129AT Datasheet HTML 63Page - NXP Semiconductors PCF2129AT Datasheet HTML 64Page - NXP Semiconductors PCF2129AT Datasheet HTML 65Page - NXP Semiconductors PCF2129AT Datasheet HTML 66Page - NXP Semiconductors PCF2129AT Datasheet HTML 67Page - NXP Semiconductors PCF2129AT Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
64 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
13.2 Frequency characteristics
[1]
1 ppm corresponds to a time deviation of 0.0864 seconds per day.
[2]
Only valid if CLKOUT frequencies are not equal to 32.768 kHz or if CLKOUT is disabled.
[3]
Not production tested. Effects of reflow soldering are included (see Ref. 3 “AN11186”).
Table 80.
Frequency characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb =+25 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fo
output frequency
on pin CLKOUT;
VDD or VBAT = 3.3 V;
COF[2:0] = 000;
AO[3:0] = 1000
-
32.768
-
kHz
f/f
frequency stability
VDD or VBAT = 3.3 V
PCF2129AT
Tamb = 15 C to +60 C
[1][2] -
3
5ppm
Tamb = 25 Cto 15 C
and
Tamb =+60 Cto+65 C
[1][2] -
5
10
ppm
PCF2129T
Tamb = 30 C to +80 C
[1][2] -
3
8ppm
Tamb = 40 Cto 30 C
and
Tamb =+80 Cto+85 C
[1][2] -
5
15
ppm
f
xtal/fxtal
relative crystal
frequency variation
crystal aging
PCF2129AT
first year;
VDD or VBAT = 3.3 V
[3] --
3ppm
PCF2129T
first year
[3] --
3ppm
ten years
-
-
8ppm
f/V
frequency variation
with voltage
on pin CLKOUT
-
1-
ppm/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com