Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 15Page - NXP Semiconductors PCF2129AT Datasheet HTML 16Page - NXP Semiconductors PCF2129AT Datasheet HTML 17Page - NXP Semiconductors PCF2129AT Datasheet HTML 18Page - NXP Semiconductors PCF2129AT Datasheet HTML 19Page - NXP Semiconductors PCF2129AT Datasheet HTML 20Page - NXP Semiconductors PCF2129AT Datasheet HTML 21Page - NXP Semiconductors PCF2129AT Datasheet HTML 22Page - NXP Semiconductors PCF2129AT Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
19 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.5.1.2
Direct switching mode
If VDD > VBAT: Voper(int) is at VDD potential.
If VDD < VBAT: Voper(int) is at VBAT potential.
The direct switching mode is useful in systems where VDD is always higher than VBAT.
This mode is not recommended if the VDD and VBAT values are similar (for example,
VDD = 3.3 V, VBAT  3.0 V). In direct switching mode, the power consumption is reduced
compared to the standard mode because the monitoring of VDD and Vth(sw)bat is not
performed.
8.5.1.3
Battery switch-over disabled: only one power supply (VDD)
When the battery switch-over function is disabled:
• The power supply is applied on the VDD pin
• The VBAT pin must be connected to ground
• Voper(int) is at VDD potential
• The battery flag (BF) is always logic 0
Fig 7.
Battery switch-over behavior in direct switching mode with bit BIE set logic 1
(enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com