Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 45Page - NXP Semiconductors PCF2129AT Datasheet HTML 46Page - NXP Semiconductors PCF2129AT Datasheet HTML 47Page - NXP Semiconductors PCF2129AT Datasheet HTML 48Page - NXP Semiconductors PCF2129AT Datasheet HTML 49Page - NXP Semiconductors PCF2129AT Datasheet HTML 50Page - NXP Semiconductors PCF2129AT Datasheet HTML 51Page - NXP Semiconductors PCF2129AT Datasheet HTML 52Page - NXP Semiconductors PCF2129AT Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
49 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
The signal applied to pin CLKOUT should have a minimum pulse width of 300 ns and a
maximum period of 1000 ns. The internal clock, now sourced from CLKOUT, is divided
down by a 26 divider chain called prescaler (see Table 73). The prescaler can be set into a
known state by using bit STOP. When bit STOP is logic 1, the prescaler is reset to 0.
STOP must be cleared before the prescaler can operate again.
From a stop condition, the first 1 second increment will take place after 32 positive edges
on pin CLKOUT. Thereafter, every 64 positive edges cause a 1 second increment.
Remark: Entry into test mode is not synchronized to the internal 64 Hz clock. When
entering the test mode, no assumption as to the state of the prescaler can be made.
Operating example:
1. Set EXT_TEST test mode (register Control_1, EXT_TEST is logic 1).
2. Set bit STOP (register Control_1, STOP is logic 1).
3. Set time registers to desired value.
4. Clear STOP (register Control_1, STOP is logic 0).
5. Apply 32 clock pulses to CLKOUT.
6. Read time registers to see the first change.
7. Apply 64 clock pulses to CLKOUT.
8. Read time registers to see the second change.
Repeat 7 and 8 for additional increments.
8.14 STOP bit function
The function of the STOP bit is to allow for accurate starting of the time circuits. STOP
causes the upper part of the prescaler (F9 to F14) to be held in reset and thus no 1 Hz ticks
are generated. The time circuits can then be set and will not increment until the STOP bit
is released. STOP doesn’t affect the CLKOUT signal but the output of the prescaler in the
range of 32 Hz to 1 Hz (see Figure 26).
The lower stages of the prescaler, F0 to F8, are not reset and because the I2C-bus and the
SPI-bus are asynchronous to the crystal oscillator, the accuracy of restarting the time
circuits is between 0 and one 64 Hz cycle (0.484375 s and 0.500000 s), see Table 73 and
Figure 27.
Fig 26. STOP bit functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com