Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 3Page - NXP Semiconductors PCF2129AT Datasheet HTML 4Page - NXP Semiconductors PCF2129AT Datasheet HTML 5Page - NXP Semiconductors PCF2129AT Datasheet HTML 6Page - NXP Semiconductors PCF2129AT Datasheet HTML 7Page - NXP Semiconductors PCF2129AT Datasheet HTML 8Page - NXP Semiconductors PCF2129AT Datasheet HTML 9Page - NXP Semiconductors PCF2129AT Datasheet HTML 10Page - NXP Semiconductors PCF2129AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
7 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
32.768 kHz (default) down to 1 Hz for use as system clock, microcontroller clock, and
so on, can be chosen (see Table 15).
• The registers at addresses 10h and 11h are used for the watchdog timer functions.
The watchdog timer has four selectable source clocks allowing for timer periods from
less than 1 ms to greater than 4 hours (see Table 52). An interrupt is generated when
the watchdog times out.
• The registers at addresses 12h to 18h are used for the timestamp function. When the
trigger event happens, the actual time is saved in the timestamp registers (see
Section 8.11).
• The register at address 19h is used for the correction of the crystal aging effect (see
Section 8.4.1).
• The registers at addresses 1Ah and 1Bh are for internal use only.
• The registers Seconds, Minutes, Hours, Days, Months, and Years are all coded in
Binary Coded Decimal (BCD) format to simplify application use. Other registers are
either bit-wise or standard binary.
When one of the RTC registers is written or read, the content of all counters is temporarily
frozen. This prevents a faulty writing or reading of the clock and calendar during a carry
condition (see Section 8.8.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com