Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 2Page - STMicroelectronics STM32WB Datasheet HTML 3Page - STMicroelectronics STM32WB Datasheet HTML 4Page - STMicroelectronics STM32WB Datasheet HTML 5Page - STMicroelectronics STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics STM32WB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rich feature set
6
KEY FEATURES
2 independent cores for real time execution
Ultra-low-power consumption
• 50 µA/MHz Active mode (at 3.0V)
• 2.1 µA Stop mode (Radio in standby + 256KB RAM)
• < 50 nA Shutdown mode
Peripherals
• 2xI²C, 1xUSART, 1xLP-UART, 2xSPI, 1x USB 2.0 FS
device supporting Battery Charging Detection, 1xSAI,
Quad-SPI (XIP), 6x 16-bit timer (including LPWM and
low-power one)
1.7 to 3.6V voltage range (DC/DC, LDO)
-40°C to +105°C temperature range
Arm® Cortex®-M4
MPU + FPU
+ DSP Inst.
@ 64 MHz
Arm Cortex-M0+ Core
@ 32 MHz
2.4 GHz Radio
Bluetooth 5.0
802.15.4
Concurrent mode
USB 2.0 FS
Crystal-less
SPI, I²C
LP-UART
SAI, Quad-SPI
ART Accelerator™
Up to 1MB Flash
Up to 256KB SRAM
Security
PCROP, PKA,
TRNG
AES 256-bit,
CKS
ADC 12-bit
2x Comp
Temp sensor
Cap. Touch
LCD 8x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com