Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 15Page - STMicroelectronics STM32WB Datasheet HTML 16Page - STMicroelectronics STM32WB Datasheet HTML 17Page - STMicroelectronics STM32WB Datasheet HTML 18Page - STMicroelectronics STM32WB Datasheet HTML 19Page - STMicroelectronics STM32WB Datasheet HTML 20Page - STMicroelectronics STM32WB Datasheet HTML 21Page - STMicroelectronics STM32WB Datasheet HTML 22Page - STMicroelectronics STM32WB Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STM32 MCU “Wireless” series
High Perf
MCUs
Ultra-low Power
MCUs
Wireless
MCUs
Mainstream
MCUs
STM32
F0
106 CoreMark
48 MHz
STM32
G0
142 CoreMark
64 MHz
STM32
F1
177 CoreMark
72 MHz
STM32
F3
245 CoreMark
72 MHz
STM32
F2
398 CoreMark
120 MHz
STM32
F4
608 CoreMark
180 MHz
STM32
L0
75 CoreMark
32 MHz
STM32
L5
424 CoreMark
110 MHz
STM32
L1
93 CoreMark
32 MHz
STM32
L4
273 CoreMark
80 MHz
STM32
WL
161 CoreMark
48 MHz
STM32
L4+
409 CoreMark
120 MHz
STM32
G4
550 CoreMark
170 MHz
STM32
F7
1082 CoreMark
216 MHz
STM32H7
3224 CoreMark
240 MHz Cortex -M4
480 MHz Cortex -M7
STM32
WB
219 CoreMark
64 MHz
Optimized for mixed-signal applications
Cortex-M0+ Radio co-processor
Arm® Cortex® core
-M0
-M3
-M33
-M4
-M7
-M0+
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com