Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 3Page - STMicroelectronics STM32WB Datasheet HTML 4Page - STMicroelectronics STM32WB Datasheet HTML 5Page - STMicroelectronics STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics STM32WB Datasheet HTML 10Page - STMicroelectronics STM32WB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Benefit of dual cores processing
7
Time (ms)
Power
(mw)
Competitor A
Competitor B
1
• Uploading data to mesh network or smartphone
• OTA of Radio protocol stack or application FW
• Running on Arm Cortex-M0+
Independent Radio activity
1
3
• Computing data (sensor fusion …)
• Flexible Arm Cortex-M4 CPU speed up to 64 MHz
• Batch Acquisition Mode (BAM) with CPU & Flash turned off
Main application activity
3
4
• 50µA/MHz only!
• Both Radio and Application running independently
Dual CPU activity
4
2
• RAM + RTC running @ 2. 1µA
• Fast wake up @ 5µs
Energy saving mode
2
5
Super saving mode
5
• Shutdown < 50 nA
• Battery energy saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com