Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Datasheet(HTML) 3 Page - STMicroelectronics

  STM32WB Datasheet HTML 1Page - STMicroelectronics STM32WB Datasheet HTML 2Page - STMicroelectronics STM32WB Datasheet HTML 3Page - STMicroelectronics STM32WB Datasheet HTML 4Page - STMicroelectronics STM32WB Datasheet HTML 5Page - STMicroelectronics STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Multiprotocol and open radio
3
• Proprietary protocol capable (Bluetooth Low Energy like
or 802.15.4)
• Best-in-class RF with up to +6dBm output power and 102
dB link budget
• Energy sensitive application with only 4.5mA in RX and
5.2mA in TX (@ 0dBm)
• BOM cost reduction thanks to Integrated balun
2.4 GHz
Open
• Last IEEE 802.15.4 standard ready
• OpenThread, ZigBee 3.0
• Bluetooth 5.0 and 802.15.4 protocols in Static and
Dynamic concurrent mode
• Fully certified Bluetooth® 5.0 radio
• 2x faster speed with 2Mbps capable mode
• Extend network coverage with BLE Mesh
STM32
WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com