Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 4Page - STMicroelectronics STM32WB Datasheet HTML 5Page - STMicroelectronics STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics STM32WB Datasheet HTML 10Page - STMicroelectronics STM32WB Datasheet HTML 11Page - STMicroelectronics STM32WB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
All in one MCU
full flexibility control
8
• Retrofit legacy product to Bluetooth 5.0 and
concurrency mode
• Remotely upgrade device with OTA capability
• Brand protection with Authenticated FW upgrade
system
Fleet
maintenance
Fitness/
Healthcare
• Multipoint BLE 5 connections
• Small form factor design with CSP100 pins
• Battery life time care with < 50 nA Shutdown mode
• Dynamic Efficient 50 µA/MHz
• Extend memory storage with Quad-SPI
• Handle advanced algorithm with 1 Mbyte of Flash
• Cost optimized product with USB 2.0 crystal-less
device
• -100 dBm sensitivity to increase area coverage
• Customer Key Storage (CKS) for trustable
Application update
• Manage full duplex audio with embedded SAI
• USB FS 2.0 with Battery Charging Detection for
remote device
Home security
and Audio
Robust RF link
-100dBm sensitivity with IEEE 802.15.4 and
+6 dBm output power
Upgrade legacy 802.15.4 device to
Bluetooth 5.0
Update securely Radio and stack firmware with build-in FUS
Bluetooth 5 and 802.15.4 protocols
Mesh capable to extend
network range
•.
•.
•.
•.
Lighting
Industrial devices
Beacon profile available among a huge list
Embedded balun to minimize design cost
Only
5.2mA Radio TX current to extend beacon life time
Up to +6 dBm output power to get best beacon range
< 2.1 µA Stop mode with full RAM for
battery life
optimization
Down to 1.71 full feature capable
•.
•.
•.
•.
•.
•B
Beaconing
Up to 105°C radio capable
External PA support to get ultra wide communication
distance
Down to
600 nA mode with RTC and 32KB of RAM
Only
5µs wakeup time over 16 wakeup lines
PCROP,
ECC, TRNG, PKA, for best design
robustness
Reduce BOM cost with
built-in LCD booster
•.
•.
•.
•.
•
•B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com