Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2629 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 17Page - STMicroelectronics AN2629 Datasheet HTML 18Page - STMicroelectronics AN2629 Datasheet HTML 19Page - STMicroelectronics AN2629 Datasheet HTML 20Page - STMicroelectronics AN2629 Datasheet HTML 21Page - STMicroelectronics AN2629 Datasheet HTML 22Page - STMicroelectronics AN2629 Datasheet HTML 23Page - STMicroelectronics AN2629 Datasheet HTML 24Page - STMicroelectronics AN2629 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AN2629
Backup registers (BKP)
Doc ID 13922 Rev 2
21/43
4.4
RTC calibration
For measurement purposes, the 32.768 kHz RTC clock can be output on the TAMPER pin.
This is enabled by setting the CCO bit in the RTC clock calibration register (BKP_RTCCR).
The clock can be slowed down by up to 121 ppm by configuring CAL[6:0] bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com