Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2629 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 35Page - STMicroelectronics AN2629 Datasheet HTML 36Page - STMicroelectronics AN2629 Datasheet HTML 37Page - STMicroelectronics AN2629 Datasheet HTML 38Page - STMicroelectronics AN2629 Datasheet HTML 39Page - STMicroelectronics AN2629 Datasheet HTML 40Page - STMicroelectronics AN2629 Datasheet HTML 41Page - STMicroelectronics AN2629 Datasheet HTML 42Page - STMicroelectronics AN2629 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Using the Backup domain in very low-power applications
AN2629
40/43
Doc ID 13922 Rev 2
8
Using the Backup domain in very low-power
applications
8.1
Introduction
This section describes how to use the STM32F10xxx backup registers and keep the benefit
of the low-power consumption of the Backup domain.
8.2
Using the Backup domain in an applicative way
8.2.1
Context
This section describes how to use the STM32F10xxx backup registers, using the same
firmware as the one used in Section 6.2 of this application note. It can be found in the Zip file
delivered with the application note, in the Run_Mode folder.
The Run_Mode folder contains all the subdirectories and files that make up the core of the
application example:
●
inc subfolder contains the example header files
●
src subfolder contains the example source files
●
project subfolder contains two projects that compile the example files:
–
EWARMv5: contains the project for the EWARM toolchain
–
RVMDK: contains the project for the RVMDK toolchain
–
RIDE: contains the project for the RIDE toolchain
8.2.2
Detailed description
The program is a basic application that sends the time from the RTC on a serial line
(USART). Every second, the time is stored into the backup registers. After a power on reset,
the contents of the backup registers are sent through the USART.
The time at which the power-off event occurred is displayed on the HyperTerminal as shown
in Figure 9.
Figure 9.
HyperTerminal display of time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com