Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2629 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 35Page - STMicroelectronics AN2629 Datasheet HTML 36Page - STMicroelectronics AN2629 Datasheet HTML 37Page - STMicroelectronics AN2629 Datasheet HTML 38Page - STMicroelectronics AN2629 Datasheet HTML 39Page - STMicroelectronics AN2629 Datasheet HTML 40Page - STMicroelectronics AN2629 Datasheet HTML 41Page - STMicroelectronics AN2629 Datasheet HTML 42Page - STMicroelectronics AN2629 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN2629
Using the Stop and Standby mode in battery-operated applications
Doc ID 13922 Rev 2
39/43
7.5
Conclusion
These examples show that the Cortex-M3 integrates the very efficient Core-level
instructions for low-power applications (Sleep mode and Deepsleep mode), associated with
the low-power features of the STM32F10xxx (AWU, Stop, Low-power and Standby).
Measurements show that the trade-off between wakeup time and power consumption must
be taken into account:
●
The Standby mode is more efficient in terms of power saving (3.6 µA), but the
application restarts each time from the reset states and the time to reinitialize the
application is not negligible. Indeed the initialization phase is done at 8 MHz and draws
power. If the repeated time loop is too short (20 ms), this mode is less efficient than the
Stop mode (106 µA versus 34.7 µA).
●
The Stop mode is less efficient than the Standby mode in terms of low-power
consumption, but it has the advantage of keeping the context and the RAM contents. In
this example, if the repeated time loop is shorter than 200 ms, the Stop mode is more
efficient, especially if the loop code is remapped to run in RAM. If the loop lasts 200 ms
or more, however, the Standby mode becomes more advantageous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com