Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2629 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 34Page - STMicroelectronics AN2629 Datasheet HTML 35Page - STMicroelectronics AN2629 Datasheet HTML 36Page - STMicroelectronics AN2629 Datasheet HTML 37Page - STMicroelectronics AN2629 Datasheet HTML 38Page - STMicroelectronics AN2629 Datasheet HTML 39Page - STMicroelectronics AN2629 Datasheet HTML 40Page - STMicroelectronics AN2629 Datasheet HTML 41Page - STMicroelectronics AN2629 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Using the Stop and Standby mode in battery-operated applications
AN2629
38/43
Doc ID 13922 Rev 2
Hardware environment
Use this example with STM32F10xxx evaluation board: refer to the user manual UM0426:
“STM3210B-EVAL evaluation board” to use the STM3210B-EVAL.
After connecting the power supply and JTAG tools, the power consumption can be
measured by replacing Jumper JP9 by an ammeter.
Firmware description
●
Launch this example with the used toolchain:
The standard tools can be used to run the example.
The .uv2 file used to launch the project with the RVMDK toolchain is contained in the
RVMDK folder.
The .eww file, used to launch the project with the EWARM toolchain, is in the EWARM
folder.
●
Configure the firmware
At the beginning of the main.c, two #define can be selected to parameterize the
example:
–2 #define select the timing of the loop:
#define LOOP_20ms
#define LOOP_200ms
–
For the example to run, it is necessary to keep one #define of each type.
–
After compiling the example, the STM32F10xxx Flash memory can be
downloaded.
Caution:
To reload the Flash memory after launching the low-power example, the boot pin
configuration must be changed from BOOT FLASH to BOOT RAM, and the reset button
must be pressed. This is because the debugger cannot take the hand when the
STM32F10xxx is in low-power mode.
Once this has been done, the boot pin must be configured back to BOOT FLASH.
Measurement is then started by disconnecting and reconnecting the power supply.
The power off/ power on reset sequence is necessary to avoid internal debug module
overconsumption.
7.4
Typical measurement results
Table 10 shows the measurements made with these examples.
Table 10.
Example measurements
#define mode
Consumption with TA = +25 °C
20 ms
200 ms
WFE
1 mA
970 µA
STOP_WFE code loop running from Flash memory
58 µA
18.5 µA
STOP_WFE code loop remap in RAM
34.7 µA
16.2 µA
Standby
106 µA
14 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com