Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2629 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 23Page - STMicroelectronics AN2629 Datasheet HTML 24Page - STMicroelectronics AN2629 Datasheet HTML 25Page - STMicroelectronics AN2629 Datasheet HTML 26Page - STMicroelectronics AN2629 Datasheet HTML 27Page - STMicroelectronics AN2629 Datasheet HTML 28Page - STMicroelectronics AN2629 Datasheet HTML 29Page - STMicroelectronics AN2629 Datasheet HTML 30Page - STMicroelectronics AN2629 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AN2629
Power and wakeup time measurement
Doc ID 13922 Rev 2
27/43
5.3.2
Detailed description
The wakeup time is defined as follows:
●
For Sleep and Stop modes: the wakeup time starts on setting the wakeup source (in
our case the Wakeup push-button of the STM3210B-EVAL board connected to pin
PA0) and ends:
–
after the execution of the first instruction after the WFE (in the case of wakeup on
an external event) or
–
after the execution of the first instruction of the interrupt service routine (in the
case of wakeup on an external interrupt)
●
Standby mode: after waking up from Standby mode, program execution restarts in the
same way as after a Reset. So the wakeup time for the Standby mode is the time
between the selection of the wakeup source (Wakeup push-button) and the execution
of the first instruction of the code.
Note:
For more details on the different low-power modes please refer to Section 1: Power supply.
Hardware environment
Pin PC6 is set to one after wakeup from the low-power modes, so, to measure the wakeup
time, an oscilloscope should be connected across the PC6 and PA0 pins. The wakeup time
is the time between the rising edge of PA0 (Wakeup button) and the rising edge of PC6.
Firmware description
The firmware provided is divided into the following files:
●
main.c:
This file contains the main Firmware body. The user can select the low-power mode to
test by uncommenting the respective line:
/* Define the Low power mode*/
//#define SLEEP
//#define STOP_Regulator_ON
//#define STOP_Regulator_LowPower
//#define STANDBY
Before entering a low-power mode, PC6 is configured as an output push-pull (speed
50 MHz) and reset to the low level.
a)
For the Sleep and Stop modes:
–
in the case of WFE, a direct write to the BSRR (Bit Set Reset register) is
performed to set PC6 to the high level
–
in case of WFI, the setting of PC6 is managed on the interrupt service routine of
the EXTI line 0
b)
For the Standby mode, pin PC6 should be set at the code startup (this part of the
code is managed in the startup files. See below).
●
tools startup file:
To measure the wakeup time for the Standby mode, it is first necessary to configure
and set the PC6 pin. To manage this, the following asm code is added to the tools
startup file:
; Set clock GPIOC (APB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com