Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMUX1237 Datasheet HTML 11Page - Texas Instruments TMUX1237 Datasheet HTML 12Page - Texas Instruments TMUX1237 Datasheet HTML 13Page - Texas Instruments TMUX1237 Datasheet HTML 14Page - Texas Instruments TMUX1237 Datasheet HTML 15Page - Texas Instruments TMUX1237 Datasheet HTML 16Page - Texas Instruments TMUX1237 Datasheet HTML 17Page - Texas Instruments TMUX1237 Datasheet HTML 18Page - Texas Instruments TMUX1237 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
VDD
VDD
VSS
VSS
OUTPUT
CL
SEL
S2
D
GND
0.1…F
0.1…F
VOUT
Output
VS
QC = CL ×
VOUT
VOUT
VSEL
VD
S1
N.C.
0 V
VDD
VSEL
VDD
0 V
tBBM 1
90%
Output
0 V
tOPEN (BBM) = min ( tBBM 1, tBBM 2)
tBBM 2
Logic
Control
(VSEL)
tr < 5ns
tf < 5ns
VS
OUTPUT
RL
CL
SEL
D
GND
VSEL
VDD
VDD
0.1…F
S2
S1
15
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.5 Break-Before-Make
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 11 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
Figure 11. Break-Before-Make Delay Measurement Setup
7.6 Charge Injection
The TMUX1237 has a transmission-gate topology. Any mismatch in capacitance between the NMOS and PMOS
transistors results in a charge injected into the drain or source during the falling or rising edge of the gate signal.
The amount of charge injected into the source or drain of the device is known as charge injection, and is denoted
by the symbol QC. Figure 12 shows the setup used to measure charge injection from Drain (D) to Source (Sx).
Figure 12. Charge-Injection Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com