Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX1237 Datasheet HTML 19Page - Texas Instruments TMUX1237 Datasheet HTML 20Page - Texas Instruments TMUX1237 Datasheet HTML 21Page - Texas Instruments TMUX1237 Datasheet HTML 22Page - Texas Instruments TMUX1237 Datasheet HTML 23Page - Texas Instruments TMUX1237 Datasheet HTML 24Page - Texas Instruments TMUX1237 Datasheet HTML 25Page - Texas Instruments TMUX1237 Datasheet HTML 26Page - Texas Instruments TMUX1237 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VDD = 1.08V
VDD = 1.62 V
VDD = 3 V
VDD = 4.5 V
D001
23
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9.2.2.2 Detailed Design Procedure
The application shown in demonstrates how to use a single control input and toggle between gain settings of -1
and +1. If switching between inverting and unity gain is not required, the TMUX1237 can be utilized in the
feedback path to select different feedback resistors and provide scalable gain settings for configurable signal
conditioning.
The TMUX1237 can be operated without any external components except for the supply decoupling capacitors.
The select pin is recommended to have a pull-down or pull-up resistor to ensure the input is in a known state if
the control signal becomes disconnected. All inputs to the switch must fall within the recommend operating
conditions of the TMUX1237 including signal range and continuous current. For this design with a supply of 2.75
V the signal range can be 0 V to 2.75 V and the max continuous current can be 50 mA.
9.2.2.3 Application Curve
TA = 25°C
Figure 20. On-Resistance vs Source or Drain Voltage
10 Power Supply Recommendations
The TMUX1237 operates across a wide supply range of 1.08 V to 5.5 V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD supply to
other components. Good power-supply decoupling is important to achieve optimum performance. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF from VDD to ground.
Place the bypass capacitors as close to the power supply pins of the device as possible using low-impedance
connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low equivalent series
resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes. For very sensitive
systems, or for systems in harsh noise environments, avoiding the use of vias for connecting the capacitors to
the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers the overall
inductance and is beneficial for connections to ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com