Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX1237 Datasheet HTML 15Page - Texas Instruments TMUX1237 Datasheet HTML 16Page - Texas Instruments TMUX1237 Datasheet HTML 17Page - Texas Instruments TMUX1237 Datasheet HTML 18Page - Texas Instruments TMUX1237 Datasheet HTML 19Page - Texas Instruments TMUX1237 Datasheet HTML 20Page - Texas Instruments TMUX1237 Datasheet HTML 21Page - Texas Instruments TMUX1237 Datasheet HTML 22Page - Texas Instruments TMUX1237 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8.4 Device Functional Modes
The select (SEL) pin of the TMUX1237 controls which switch is connected to the drain of the device. When a
given input is not selected, that source pin is in high impedance mode (HI-Z). The control pins can be as high as
5.5 V.
The TMUX1237 can be operated without any external components except for the supply decoupling capacitors.
Unused logic control pins should be tied to GND or VDD in order to ensure the device does not consume
additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx
or D) should be connected to GND.
8.5 Truth Tables
Table 1. TMUX1237 Truth Table
CONTROL
LOGIC (SEL)
Selected Source (Sx) Connected To Drain (D) Pin
0
S1
1
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com