Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX1237 Datasheet HTML 14Page - Texas Instruments TMUX1237 Datasheet HTML 15Page - Texas Instruments TMUX1237 Datasheet HTML 16Page - Texas Instruments TMUX1237 Datasheet HTML 17Page - Texas Instruments TMUX1237 Datasheet HTML 18Page - Texas Instruments TMUX1237 Datasheet HTML 19Page - Texas Instruments TMUX1237 Datasheet HTML 20Page - Texas Instruments TMUX1237 Datasheet HTML 21Page - Texas Instruments TMUX1237 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TMUX1237
SEL
S1
D
S2
18
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMUX1237 is an 2:1 (SPDT), 1-channel switch where the input is controlled with a single select (SEL)
control pin.
8.2 Functional Block Diagram
Figure 16. TMUX1237 Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX1237 conducts equally well from source (Sx) to drain (D) or from drain (D) to source (Sx). The device
has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail to Rail Operation
The valid signal path input/output voltage for TMUX1237 ranges from GND to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX1237 has 1.8-V logic compatible control for the logic control input (SEL). The logic input threshold
scales with supply but still provides 1.8-V logic control when operating at 5.5 V supply voltage. 1.8-V logic level
inputs allow the TMUX1237 to interface with processors that have lower logic I/O rails and eliminates the need
for an external translator, which saves both space and BOM cost. For more information on 1.8 V logic
implementations refer to Simplifying Design with 1.8 V logic Muxes and Switches
8.3.4 Fail-Safe Logic
The TMUX1237 supports Fail-Safe Logic on the control input pin (SEL) allowing for operation up to 5.5 V,
regardless of the state of the supply pin. This feature allows voltages on the control pin to be applied before the
supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pin of the TMUX1237 to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX1237 with VDD = 1.2 V while allowing the select pin to interface with a logic level
of another device up to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com