Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1237 Datasheet HTML 1Page - Texas Instruments TMUX1237 Datasheet HTML 2Page - Texas Instruments TMUX1237 Datasheet HTML 3Page - Texas Instruments TMUX1237 Datasheet HTML 4Page - Texas Instruments TMUX1237 Datasheet HTML 5Page - Texas Instruments TMUX1237 Datasheet HTML 6Page - Texas Instruments TMUX1237 Datasheet HTML 7Page - Texas Instruments TMUX1237 Datasheet HTML 8Page - Texas Instruments TMUX1237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
S2
6
SEL
2
VDD
5
GND
3
S1
4
D
Not to scale
3
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Device Functional Modes for what to do with unused pins.
Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
S2
1
I/O
Source pin 2. Can be an input or output.
VDD
2
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect
a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
S1
3
I/O
Source pin 1. Can be an input or output.
D
4
I/O
Drain pin. Can be an input or output.
GND
5
P
Ground (0 V) reference
SEL
6
I
Select pin: controls state of the switch according to Table 1. (Logic Low = S1 to D, Logic High = S2 to D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com