Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG936BCP-R-REEL7 Datasheet HTML 1Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 2Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 3Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 1.65 V to 2.75 V, GND = 0 V, Input Power = 0 dBm, all specifications TMIN to TMAX, unless otherwise noted.1
Table 1.
B Version
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
AC ELECTRICAL CHARACTERISTICS
Operating Frequency3
DC
2
GHz
3 dB Frequency4
4
GHz
Input Power4
0 V dc bias
7
dBm
0.5 V dc bias
16
dBm
Insertion Loss
S21, S12
DC to 100 MHz; VDD = 2.5 V ± 10%
0.4
0.5
dB
500 MHz; VDD = 2.5 V ± 10%
0.6
0.8
dB
1000 MHz; VDD = 2.5 V ± 10%
0.9
1.25
dB
Isolation—RFCx to RF1x/RF2x
S21, S12
100 MHz
52
60
dB
500 MHz
40
47
dB
1000 MHz
31
36
dB
Crosstalk—RF1x to RF2x
S21, S12
100 MHz
53
69
dB
500 MHz
42
45
dB
1000 MHz
34
37
dB
Return Loss (On Channel)4
S11, S22
DC to 100 MHz
20
25
dB
500 MHz
19
23
dB
1000 MHz
16
24
dB
Return Loss (Off Channel)4
S11, S22
DC to 100 MHz
18
24
dB
500 MHz
17
23
dB
1000 MHz
16
21
dB
On Switching Time4
tON
50% CTRL to 90% RF
11
14
ns
Off Switching Time4
tOFF
50% CTRL to 10% RF
10
13
ns
Rise Time4
tRISE
10% to 90% RF
6.1
8
ns
Fall Time4
tFALL
90% to 10% RF
6
8
ns
1 dB Compression4
P–1 dB
1000 MHz
16
dBm
Third-Order Intermodulation Intercept
IP3
900 MHz/901 MHz, 4 dBm
29
32
dBm
Video Feedthrough5
3
mV p-p
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VDD = 2.25 V to 2.75 V
1.7
V
VINH
VDD = 1.65 V to 1.95 V
0.65 VCC
V
Input Low Voltage
VINL
VDD = 2.25 V to 2.75 V
0.7
V
VINL
VDD = 1.65 V to 1.95 V
0.35 VCC
V
Input Leakage Current
II
0 ≤ VIN ≤ 2.75 V
± 0.1
± 1
µA
CAPACITANCE
4
RF Port On Capacitance
CRF ON
f = 1 MHz
2.5
pF
Digital Input Capacitance
CDIG
f = 1 MHz
2
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital inputs = 0 V or VDD
0.1
1
µA
1 Temperature range B Version: −40°C to +85°C.
2 Typical values are at VDD = 2.5 V and 25°C, unless otherwise noted.
3 Operating frequency is the point at which insertion loss degrades by 1 dB.
4 Guaranteed by design, not subject to production test.
5 Video feedthrough is the dc transience at the output of any port of the switch when the control voltage is switched from high to low or low to high in a 50 Ω test
setup, measured with 1 ns rise time pulses and 500 MHz bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com